Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385BXM-2.5 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM385BXM-2.5
Description  LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM385BXM-2.5 Datasheet(HTML) 2 Page - Texas Instruments

  LM385BXM-2.5 Datasheet HTML 1Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 2Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 3Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 4Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 5Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 6Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 7Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 8Page - Texas Instruments LM385BXM-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM185-2.5-N, LM285-2.5-N, LM385-2.5-N
SNVS743D – DECEMBER 1999 – REVISED MARCH 2013
www.ti.com
Figure 4. LCCC Leadless Chip Carrier
Figure 5. TO Package
See Package Number NAJ0020A
(Bottom View)
See Package Number NDU0002A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Reverse Current
30 mA
Forward Current
10 mA
LM185-2.5-N
−55°C to + 125°C
Operating Temperature Range(4)
LM285-2.5-N
−40°C to + 85°C
LM385-2.5-N
0°C to 70°C
ESD Susceptibility(5)
2kV
Storage Temperature
−55°C to + 150°C
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
Soldering Information
Vapor Phase (60 sec.)
215°C
SOIC and SOT-23 Package
Infrared (15 sec.)
220°C
See http://www.ti.com for other methods of soldering surface mount devices.
(1)
Refer to RETS185H-2.5 for military specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For elevated temperature operation, TJ MAX is:
LM185-N: 150°C
LM285-N: 125°C
LM385-N: 100°C
See THERMAL CHARACTERISTICS.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
LM185
150°C
LM285
125°C
Thermal Resistance
SOIC-8
SOT-23
LM385
100°C
TO-92
TO
θja (Junction to Ambient)
180°C/W (0.4
″ Leads)
440°C/W
165°C/W
283°C/W
170°C/W (0.125
″ Leads)
θjc (Junction to Case)
N/A
80°C/W
N/A
N/A
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM185-2.5-N LM285-2.5-N LM385-2.5-N


Similar Part No. - LM385BXM-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM385BXM-2.5 NSC-LM385BXM-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM385BXM-2.5 TI1-LM385BXM-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BXM-2.5 TI1-LM385BXM-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BXM-2.5 TI1-LM385BXM-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BXM-2.5/NOPB TI1-LM385BXM-2.5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

Similar Description - LM385BXM-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com