Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRLR3915TR Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRLR3915TR
Description  AUIRLR3915 HEXFET짰 Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR3915TR Datasheet(HTML) 2 Page - International Rectifier

  AUIRLR3915TR Datasheet HTML 1Page - International Rectifier AUIRLR3915TR Datasheet HTML 2Page - International Rectifier AUIRLR3915TR Datasheet HTML 3Page - International Rectifier AUIRLR3915TR Datasheet HTML 4Page - International Rectifier AUIRLR3915TR Datasheet HTML 5Page - International Rectifier AUIRLR3915TR Datasheet HTML 6Page - International Rectifier AUIRLR3915TR Datasheet HTML 7Page - International Rectifier AUIRLR3915TR Datasheet HTML 8Page - International Rectifier AUIRLR3915TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AUIRLR3915
2
www.irf.com
S
D
G
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C,
L = 0.45mH, RG = 25, IAS = 30A, VGS =10V.
Part not recommended for use above this
value.
ƒ ISD  30A, di/dt  280A/μs, VDD V(BR)DSS,
TJ  175°C.
„ Pulse width  1.0ms; duty cycle  2%.
Notes:
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
† Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
‡ This value determined from sample failure population, starting
TJ = 25°C, L = 0.45mH, RG = 25, IAS = 30A, VGS =10V.
ˆ When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to
application note #AN-994.
‰ Ris measured at TJ of approximately 90°C.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
0.057
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12
14
–––
14
17
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
42
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Qg
Total Gate Charge
–––
61
92
Qgs
Gate-to-Source Charge
–––
9.0
14
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
17
25
td(on)
Turn-On Delay Time
–––
7.4
–––
tr
Rise Time
–––
51
–––
td(off)
Turn-Off Delay Time
–––
83
–––
ns
tf
Fall Time
–––
100
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1870
–––
Coss
Output Capacitance
–––
390
–––
pF
Crss
Reverse Transfer Capacitance
–––
74
–––
Coss
Output Capacitance
–––
2380
–––
Coss
Output Capacitance
–––
290
–––
Coss eff.
Effective Output Capacitance
g
–––
540
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
61
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
240
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
62
93
ns
Qrr
Reverse Recovery Charge
–––
110
170
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
TJ = 25°C, IF = 30A, VDD = 25V
di/dt = 100A/μs
f
TJ = 25°C, IS = 30A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 30A f
MOSFET symbol
VDD = 28V
ID = 30A
RG = 8.5
Conditions
VGS = 10V f
VGS = 0V
ƒ = 1.0MHz, See Fig. 5
VGS = 0V, VDS = 0V to 44V
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VDS = 25V, ID = 30Af
ID = 30A
VDS = 44V
VGS = 16V
VGS = -16V
VGS = 10V f
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
m
VDS = 25V
VGS = 5.0V, ID = 26A f
Conditions
VDS = VGS, ID = 250μA


Similar Part No. - AUIRLR3915TR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLR3915 INFINEON-AUIRLR3915 Datasheet
683Kb / 11P
   HEXFET짰 Power MOSFET
2015-12-14
More results

Similar Description - AUIRLR3915TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com