Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC179APE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LBC179APE4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC179APE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC179APE4 Datasheet HTML 1Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 2Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 3Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 4Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 5Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 6Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 7Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 8Page - Texas Instruments SN65LBC179APE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1 kΩ
8 V
Input
VCC
Input
100 kΩ
4 kΩ
18 kΩ
4 kΩ
16 V
16 V
Input
100 kΩ
4 kΩ
18 kΩ
4 kΩ
16 V
16 V
VCC
VCC
16 V
16 V
Output
VCC
Output
VCC
D Inputs
A Input
B Input
Y AND Z Outputs
R Output
40 Ω
8 V
100 kΩ
Receiver
Receiver
SN65LBC179A
SN75LBC179A
SLLS377D
– MAY 2000 – REVISED SEPTEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
PLASTIC
(D)
DUAL-IN-LINE
0
°C to 70°C
SN75LBC179AD
SN75LBC179AP
–40°C to 85°C
SN65LBC179AD
SN65LBC179AP
SCHEMATICS OF INPUTS AND OUTPUTS
2
Submit Documentation Feedback
Copyright
© 2000–2011, Texas Instruments Incorporated
Product Folder Link(s): SN65LBC179A SN75LBC179A


Similar Part No. - SN65LBC179APE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179APE4 TI-SN65LBC179APE4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC179APE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com