Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75372PSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75372PSR
Description  DUAL MOSFET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75372PSR Datasheet(HTML) 4 Page - Texas Instruments

  SN75372PSR Datasheet HTML 1Page - Texas Instruments SN75372PSR Datasheet HTML 2Page - Texas Instruments SN75372PSR Datasheet HTML 3Page - Texas Instruments SN75372PSR Datasheet HTML 4Page - Texas Instruments SN75372PSR Datasheet HTML 5Page - Texas Instruments SN75372PSR Datasheet HTML 6Page - Texas Instruments SN75372PSR Datasheet HTML 7Page - Texas Instruments SN75372PSR Datasheet HTML 8Page - Texas Instruments SN75372PSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A − JULY 1986
3−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
10%
5 V
2.4 V
VCC1
TEST CIRCUIT
Input
GND
VCC2
Pulse
Generator
(see Note A)
Output
CL = 390 pF
(see Note B)
20 V
RD
Input
Output
VOLTAGE WAVEFORMS
≤ 10 ns
90%
1.5 V
0.5
µs
tDHL
tTLH
VCC2 −3 V
2 V
0 V
VOH
≤ 10 ns
90%
1.5 V
10%
tPHL
tPHL
tDLH
tTHL
VCC2 −3 V
2 V
VOL
3 V
NOTES: A. The pulse generator has the following characteristics: PRR = 1 MHz, ZO ≈ 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms, Each Driver
TYPICAL CHARACTERISTICS
−1
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
−10
−100
0.3
0.2
0.1
0
0
204060
0.4
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.5
80
100
VCC2 −0.5
VCC2 −1
VCC2 −1.5
VCC2 −2
VCC2 −2.5
VCC2 −3
VCC1 = 5 V
VCC2 = 20 V
VI = 0.8 V
TA = 25°C
TA = 70°C
TA = 0°C
IOL − Low-Level Output Current − mA
VCC1 = 5 V
VCC2 = 20 V
VI = 2 V
TA = 70°C
TA = 0°C
IOH − High-Level Output Current − mA
VCC2
− 0.01
− 0.1
Figure 2
Figure 3


Similar Part No. - SN75372PSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372PSR TI-SN75372PSR Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN75372PSR

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
   Hybrid Dual MOSFET Driver
SKHI21A SEMIKRON-SKHI21A_06 Datasheet
39Kb / 1P
   Hybrid Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com