Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4527B Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4527B
Description  HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4527B Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4527B Datasheet HTML 3Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 4Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 5Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 6Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 7Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 8Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 9Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 10Page - Asahi Kasei Microsystems AK4527B Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ASAHI KASEI
[AK4527B]
MS0056-E-00
2000/10
- 7 -
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS=0V; Note 5)
Parameter
Symbol
min
max
Units
Power Supplies
Analog
Digital
Output buffer
|AVSS-DVSS|
(Note 6)
AVDD
DVDD
TVDD
∆GND
-0.3
-0.3
-0.3
-
6.0
6.0
6.0
0.3
V
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
VIND
-0.3
DVDD+0.3
V
Ambient Temperature (power applied)
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Notes: 5. All voltages with respect to ground.
6. AVSS and DVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS=0V; Note 5)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 7)
Analog
Digital
Output buffer
AVDD
DVDD
TVDD
4.5
4.5
2.7
5.0
5.0
5.0
5.5
5.5
5.5
V
V
V
Notes: 5. All voltages with respect to ground.
7. The power up sequence between AVDD, DVDD and TVDD is not critical.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4527B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4527B AKM-AK4527B Datasheet
348Kb / 40P
   EVALUATION BOARD REV.D FOR AK4527B
More results

Similar Description - AK4527B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com