Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4523 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4523
Description  20BIT STEREO ADC & DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4523 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4523 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4523 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ASAHI KASEI
[AK4523]
M0021-E-03
1999/12
- 6 -
FILTER CHARACTERISTICS
(Ta=25
°C; VA=4.5 ~ 5.5V, VD=3.0 ~ 5.5V; DEM0=”1”, DEM1=”0”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 11)
-0.005dB
-0.02dB
-0.06dB
-6.0dB
PB
0
0
0
0
19.76
20.02
20.20
22.05
kHz
kHz
kHz
kHz
Stopband
SB
24.34
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 12)
GD
29.3
1/fs
Group Delay Distortion
DGD
0µs
ADC Digital Filter (HPF):
Frequency Response
(Note 5)
-3dB
-0.5dB
-0.1dB
FR
0.9
2.7
6.0
Hz
Hz
Hz
DAC Digital Filter:
Passband
(Note 11)
-0.06dB
-6.0dB
PB
0
0
20.0
22.05
kHz
kHz
Stopband
SB
24.1
kHz
Passband Ripple
PR
±0.06
dB
Stopband Attenuation
SA
43
dB
Group Delay
(Note 12)
GD
14.7
1/fs
DAC Digital Filter + Analog Filter:
Frequency Response:
0
~ 20.0kHz
FR
-
±0.2
-dB
Note:11. The passband and stopband frequencies scale with fs.
For example, 20.02kHz at -0.02dB is 0.454 x fs. The reference frequency of these responses is 1kHz.
12. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal to
setting the 20bit data of both channels to the output register for ADC.
For DAC, this time is from setting the 20bit data of both channels on input register to the output of analog
signal.


Similar Part No. - AKD4523

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
   EVALUATION BOARD REV.A FOR AK4523
More results

Similar Description - AKD4523

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
   96kHz Sampling DS 20bit ADC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
NXP Semiconductors
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com