Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75372DG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75372DG4
Description  DUAL MOSFET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75372DG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75372DG4 Datasheet HTML 1Page - Texas Instruments SN75372DG4 Datasheet HTML 2Page - Texas Instruments SN75372DG4 Datasheet HTML 3Page - Texas Instruments SN75372DG4 Datasheet HTML 4Page - Texas Instruments SN75372DG4 Datasheet HTML 5Page - Texas Instruments SN75372DG4 Datasheet HTML 6Page - Texas Instruments SN75372DG4 Datasheet HTML 7Page - Texas Instruments SN75372DG4 Datasheet HTML 8Page - Texas Instruments SN75372DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A − JULY 1986
3−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
10
20
40
100
400
1000
f − Frequency − kHz
POWER DISSIPATION (BOTH DRIVERS)
vs
FREQUENCY
200
400
200
0
800
1000
1200
600
12
8
4
0
0
0.5
1
1.5
16
20
VOLTAGE TRANSFER CHARACTERISTICS
24
2
2.5
VI − Input Voltage − V
VCC1 = 5 V
VCC2 = 20 V
No Load
TA = 25°C
VCC1 = 5 V
VCC2 = 20 V
Input: 3-V Square Wave
50% Duty Cycle
TA = 25°C
CL = 600 pF
CL = 1000 pF
CL = 2000 pF
CL = 4000 pF
CL = 400 pF
Allowable in P Package Only
Figure 4
Figure 5
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
100
80
20
0
0
10
203040
5060
140
180
200
70
80
60
160
120
40
TA − Free-Air Temperature − °C
TA − Free-Air Temperature − °C
100
80
20
0
140
180
200
60
160
120
40
0
102030
40
50
6070
80
CL = 50 pF
CL = 200 pF
CL = 1000 pF
CL = 2000 pF
CL = 4000 pF
VCC1 = 5 V
VCC2 = 20 V
RD = 10 Ω
See Figure 1
CL = 4000 pF
CL = 2000 pF
CL = 1000 pF
VCC1 = 5 V
VCC2 = 20 V
RD = 10 Ω
See Figure 1
CL = 200 pF
CL = 390 pF
CL = 50 pF
CL = 390 pF
Figure 6
Figure 7


Similar Part No. - SN75372DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372D TI-SN75372D Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI-SN75372D Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372DR TI-SN75372DR Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN75372DG4

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
   Hybrid Dual MOSFET Driver
SKHI21A SEMIKRON-SKHI21A_06 Datasheet
39Kb / 1P
   Hybrid Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com