Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2T03G15QDCKRG4Q Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 2T03G15QDCKRG4Q
Description  VOLTAGE DETECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

2T03G15QDCKRG4Q Datasheet(HTML) 9 Page - Texas Instruments

Back Button 2T03G15QDCKRG4Q Datasheet HTML 5Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 6Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 7Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 8Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 9Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 10Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 11Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 12Page - Texas Instruments 2T03G15QDCKRG4Q Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
5
4.5
4
3.5
-4
-3
-2
-1
5.5
6
3
0
85°C
0°C
25°C
-40 °C
VDD = 6 V
V(SENSE) = High
I
– High-Level Output Current – mA
OH
5.4
5.2
5
4.8
-14
-12
-10
-8
-6
-4
5.6
5.8
6
4.6
-2
0
85°C
0°C
25°C
-40 °C
VDD = 6 V
V(SENSE) = High
(Expanded View)
I
– High-Level Output Current – mA
OH
7
6
5
4
0
0.1 0.2
0.3
0.4
0.5
0.6
8
9
10
0.7
0.8
0.9
1
3
2
1
0
V
DD – Threshold Overdrive Voltage – V
1.0005
1.0000
0.9995
0.9990
-40
-20
0
20
40
60
80
1.0010
1.0015
1.0020
0.9985
0.9980
VDD = 6 V
RESET = 100 kW to VDD
T – Free-Air Temperature at SENSE – °C
A
TPS3803-01-Q1
TPS3803G15-Q1
TPS3805H33-Q1
SGLS228B – DECEMBER 2003 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
TPS3805H33
TPS3805H33
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 9.
Figure 10.
TPS3803-01
<br/>
NORMALIZED INPUT THRESHOLD VOLTAGE
MINIMUM PULSE DURATION AT VDD
vs
vs
FREE-AIR TEMPERATURE AT SENSE
VDD THRESHOLD OVERDRIVE VOLTAGE
Figure 11.
Figure 12.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS3803-01-Q1 TPS3803G15-Q1 TPS3805H33-Q1


Similar Part No. - 2T03G15QDCKRG4Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
2T03G15QDCKRG4Q TI1-2T03G15QDCKRG4Q Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
More results

Similar Description - 2T03G15QDCKRG4Q

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com