Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75372PSRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75372PSRG4
Description  DUAL MOSFET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75372PSRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75372PSRG4 Datasheet HTML 3Page - Texas Instruments SN75372PSRG4 Datasheet HTML 4Page - Texas Instruments SN75372PSRG4 Datasheet HTML 5Page - Texas Instruments SN75372PSRG4 Datasheet HTML 6Page - Texas Instruments SN75372PSRG4 Datasheet HTML 7Page - Texas Instruments SN75372PSRG4 Datasheet HTML 8Page - Texas Instruments SN75372PSRG4 Datasheet HTML 9Page - Texas Instruments SN75372PSRG4 Datasheet HTML 10Page - Texas Instruments SN75372PSRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A − JULY 1986
3−7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
THERMAL INFORMATION
power dissipation precautions
Significant power may be dissipated in the SN75372 driver when charging and discharging high-capacitance
loads over a wide voltage range at high frequencies. Figure 5 shows the power dissipated in a typical SN75372
as a function of load capacitance and frequency. Average power dissipated by this driver is derived from the
equation
PT(AV) = PDC(AV) + PC(AV) = PS(AV)
where PDC(AV) is the steady-state power dissipation with the output high or low, PC(AV) is the power level during
charging or discharging of the load capacitance, and PS(AV) is the power dissipation during switching between
the low and high levels. None of these include energy transferred to the load, and all are averaged over a full
cycle.
The power components per driver channel are
P
C(AV) [
CV2
C
f
tHL
tLH
tH
tL
T = 1/f
Figure 12. Output Voltage Waveform
where the times are as defined in Figure 14.
PDC(AV) =
PH t H + PL t L
T
PS(AV) =
PLH t LH + PHL t HL
T
PL, PH, PLH, and PHL are the respective instantaneous levels of power dissipation, C is the load capacitance.
VC is the voltage across the load capacitance during the charge cycle shown by the equation
VC = VOH − VOL
PS(AV) may be ignored for power calculations at low frequencies.
In the following power calculation, both channels are operating under identical conditions:
VOH =19.2 V and VOL = 0.15 V with VCC1 = 5 V, VCC2 = 20 V, VC = 19.05 V, C = 1000 pF, and the
duty cycle = 60%. At 0.5 MHz, PS(AV) is negligible and can be ignored. When the output voltage is high, ICC2
is negligible and can be ignored.
On a per-channel basis using data sheet values,
P
DC(AV) +
(5 V) 2mA
2
) (20 V) 0mA
2
(0.6)
) (5 V) 16 mA
2
) (20 V) 7mA
2
(0.4)
PDC(AV) = 47 mW per channel
Power during the charging time of the load capacitance is
PC(AV) = (1000 pF) (19.05 V)2 (0.5 MHz) = 182 mW per channel
Total power for each driver is
PT(AV) = 47 mW + 182 mW = 229 mW
and total package power is
PT(AV) = (229) (2) = 458 mW.


Similar Part No. - SN75372PSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372PSR TI-SN75372PSR Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN75372PSRG4

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
   Hybrid Dual MOSFET Driver
SKHI21A SEMIKRON-SKHI21A_06 Datasheet
39Kb / 1P
   Hybrid Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com