Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4524 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4524
Description  24BIT 96KHZ AUDIO CODEC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4524 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4524 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4524 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ASAHI KASEI
[AK4524]
M0050-E-01
1999/5
- 5 -
ABSOLUTE MAXIMUM RATINGS
(AGND, DGND=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
Output Buffer
VD-VA
VA
VD
VT
VDA
-0.3
-0.3
-0.3
-
6.0
6.0
6.0
0.3
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
VA+0.3
V
Digital Input Voltage
VIND
-0.3
VA+0.3
V
Ambient Temperature (powered applied)
Ta
-10
70
°C
Storage Temperature
Tstg
-65
150
°C
Note:1. All voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AGND, DGND=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 2)
Analog
Digital
Output Buffer
VA
VD
VT
4.75
4.75
2.7
5.0
5.0
3.0
5.25
VA
VD
V
V
V
Voltage Reference
VREF
3.0
-
VA
V
Note:1. All voltages with respect to ground.
2. VA and VD should be powered at the same time or VA should be powered earlier than VD.
The power up sequence between VA and VT, or VD and VT is not critical.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AKD4524

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
   EVALUATION BOARD REV.A FOR AK4524
AKD4524 AKM-AKD4524 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results

Similar Description - AKD4524

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com