Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1192IPBS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1192IPBS
Description  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1192IPBS Datasheet(HTML) 3 Page - Texas Instruments

  ADS1192IPBS Datasheet HTML 1Page - Texas Instruments ADS1192IPBS Datasheet HTML 2Page - Texas Instruments ADS1192IPBS Datasheet HTML 3Page - Texas Instruments ADS1192IPBS Datasheet HTML 4Page - Texas Instruments ADS1192IPBS Datasheet HTML 5Page - Texas Instruments ADS1192IPBS Datasheet HTML 6Page - Texas Instruments ADS1192IPBS Datasheet HTML 7Page - Texas Instruments ADS1192IPBS Datasheet HTML 8Page - Texas Instruments ADS1192IPBS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
ADS1191
ADS1192
www.ti.com
SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications at
DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2), and
gain = 6, unless otherwise noted.
ADS1191, ADS1192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF/GAIN
V
(AINP – AINN)
See the Input Common-Mode Range
Input common-mode range
subsection of the PGA Settings and
Input Range section
Input capacitance
20
pF
Input = 1.5 V
±1
nA
Input bias current
Input = 1.5 V, TA = –40°C to +85°C
±2
nA
No lead-off
1000
M
Current source lead-off detection (nA range),
500
M
DC input impedance
AVSS + 0.3 V < AIN < AVDD – 0.3 V
Current source lead-off detection (µA range),
100
M
AVSS + 0.6 V < AIN < AVDD – 0.6 V
PGA PERFORMANCE
Gain settings
1, 2, 3, 4, 6, 8, 12
With a 4.7-nF capacitor on PGA output
BW
Bandwidth
(see PGA Settings and Input Range section
8.5
kHz
for details)
ADC PERFORMANCE
Resolution
16
Bits
DR
Data rate
125
8000
SPS
CHANNEL PERFORMANCE (DC Performance)
Gain = 6(3), 10 seconds of data
24.6
μVPP
Gain = 6, 256 points, 0.5 seconds of data
24.6
25
μVPP
Input-referred noise
Gain settings other than 6, data rate other
See Noise Measurements section
than 500 SPS
INL
Integral nonlinearity
Full-scale with gain = 6, best fit
±1
LSB
Input-referred offset error
±100
μV
Input-referred offset error drift
2
μV/°C
Offset error with calibration
15
μV
Gain error
Excluding voltage reference error
±0.5
% of FS
Gain drift
Excluding voltage reference drift
5
ppm/°C
Gain match between channels
1
% of FS
CHANNEL PERFORMANCE (AC performance)
CMRR
Common-mode rejection ratio
fCM = 50 Hz, 60 Hz
(4)
–95
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz, 60 Hz
90
dB
Crosstalk
fIN = 50 Hz, 60 Hz
–120
dB
SNR
Signal-to-noise ratio
fIN = 10 Hz input, gain = 6
92
dB
THD
Total harmonic distortion
10 Hz, –0.5 dBFs
–100
dB
(1)
Performance is applicable for 5-V operation as well. Production testing for limits is performed at 3 V.
(2)
CFILTER is the capacitor accross the PGA outputs; see the PGA Settings and Input Range section for details.
(3)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with input shorted
(without electrode resistance) over a 10-second interval.
(4)
CMRR is measured with a common-mode signal of AVSS + 0.3 V to AVDD – 0.3 V. The values indicated are the minimum of the eight
channels.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS1191 ADS1192


Similar Part No. - ADS1192IPBS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1192IPBS TI1-ADS1192IPBS Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBS TI1-ADS1192IPBS Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBSR TI1-ADS1192IPBSR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBSR TI1-ADS1192IPBSR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1192IPBS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com