Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC236815223 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFC236815223
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC236815223 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC236815223 Datasheet HTML 2Page - Vishay Siliconix BFC236815223 Datasheet HTML 3Page - Vishay Siliconix BFC236815223 Datasheet HTML 4Page - Vishay Siliconix BFC236815223 Datasheet HTML 5Page - Vishay Siliconix BFC236815223 Datasheet HTML 6Page - Vishay Siliconix BFC236815223 Datasheet HTML 7Page - Vishay Siliconix BFC236815223 Datasheet HTML 8Page - Vishay Siliconix BFC236815223 Datasheet HTML 9Page - Vishay Siliconix BFC236815223 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28132
6
Revision: 21-Nov-05
MKT 368
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 630 V; URac = 250 V
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
lock lead
0.18
5.6
× 17.5 (20.5) × 26.0
2.2
55184
1000
1000
800
90283
1250
0.22
6.3
× 18.5 (21.5) × 26.0
2.8
55224
1000
1000
650
90284
1000
0.27
6.0
× 18.0 (21.0) × 26.0
2.5
55274
1000
1000
650
90285
1000
0.33
6.4
× 18.5 (21.5) × 26.0
2.8
55334
1000
1000
650
90286
1000
0.39
7.1
× 19.0 (21.5) × 26.0
2.8
55394
1000
1000
550
90287
900
0.47
8.0
× 20.0 (22.5) × 26.0
3.8
55474
1000
500
500
90179
750
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
lock lead
0.56
7.5
× 20.5 (22.5) × 30.0
3.8
55564
500
500
90288
600
0.68
8.5
× 21.5 (23.5) × 30.0
4.5
55684
500
500
90289
500
0.82
9.5
× 22.5 (24.5) × 30.0
5.2
55824
500
500
90291
450
1
10.5
× 23.5 (26.5) × 30.0
5.8
55105
500
250
90292
350
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0
+ 1.0/− 0.5 mm
short leads
long leads
lt =
4.0
+ 1.0/− 0.5 mm
C-tol
=± 10 %
C-tol
=± 10 %
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
lock lead
0.01
4.3
× 13.1 (15.5) × 12.5
0.5
65103
2000
1000
1300
90293
1100
0.012
4.6
× 13.4 (16.0) × 12.5
0.5
65123
2000
1000
1200
90294
1000
0.015
4.9
× 13.9 (16.5) × 12.5
0.6
65153
2000
1000
1100
90295
1500
0.018
5.3
× 14.3 (17.0) × 12.5
0.6
65183
2000
1000
1000
90296
1250
0.022
5.9
× 14.9 (17.5) × 12.5
0.8
65223
2000
1000
900
90297
1250
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
lock lead
0.027
5.5
× 14.5 (17.5) × 17.5
0.7
65273
2000
1000
1100
90298
1500
0.033
6.0
× 15.0 (18.0) × 17.5
0.9
65333
2000
1000
1000
90299
1500
0.039
6.3
× 15.5 (18.5) × 17.5
1.0
65393
2000
1000
900
90301
1250
0.047
7.0
× 16.0 (19.0) × 17.5
1.2
65473
2000
1000
800
90302
1250
0.056
7.5
× 16.5 (19.5) × 17.5
1.3
65563
1000
1000
800
90303
1000
0.068
8.0
× 17.0 (20.0) × 17.5
1.4
65683
1000
1000
750
90304
1000
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
lock lead
0.082
6.1
× 18.0 (21.0) × 26.0
2.5
65823
1000
1000
750
90305
1000
0.1
7.0
× 19.0 (22.0) × 26.0
3.2
65104
1000
1000
650
90306
900
0.12
7.2
× 19.5 (22.5) × 26.0
3.5
65124
1000
1000
550
90307
750
0.15
8.0
× 21.0 (23.0) × 26.0
3.8
65154
1000
500
500
90308
750
0.18
9.0
× 22.0 (24.0) × 26.0
4.5
65184
1000
500
450
90309
600
0.22
10.0
× 23.0 (25.0) × 26.0
5.2
65224
1000
500
400
90311
550
C
(µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 368 ..... AND PACKAGING
LOOSE IN BOX
REEL
LOOSE IN BOX
lt =
4.0
+ 1.0/− 0.5 mm
short leads
long leads
lt =
4.0
+ 1.0/− 0.5 mm
C-tol
=± 10 %
C-tol
=± 10 %
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ


Similar Part No. - BFC236815223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results

Similar Description - BFC236815223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com