Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0402FR-7D620RL Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RC0402FR-7D620RL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0402FR-7D620RL Datasheet(HTML) 9 Page - YAGEO Corporation

  RC0402FR-7D620RL Datasheet HTML 1Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 2Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 3Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 4Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 5Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 6Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 7Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 8Page - YAGEO Corporation RC0402FR-7D620RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 05, 2011 V.6
Product specification
9
9
SERIES
RC
0402
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION HISTORY
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 6
Jan 05, 2011
-
- Typo updated
Version 5
Apr 27, 2010
-
- Updated test items and methods
- Add new taping reel code of 7 inch dia. reel with double standard
quantity (20,000 units per reel)
Version 4
Jul 21, 2009
-
- Test items and methods updated
- Test requirements upgraded
Version 3
Jul 15, 2008
-
- Change to dual brand datasheet that describe RC0402 with RoHS
compliant
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 2
Sep 03, 2004
-
- New datasheet for 0402 thick film 1% and 5% with lead-free terminations
- Replace the 0402 part of pdf files: RC01_11_21_31_5,
RC02_12_22_32_10
- Test method and procedure updated
- PE tape added (paper tape will be replaced by PE tape)


Similar Part No. - RC0402FR-7D620RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402FR-7D680KL YAGEO-RC0402FR-7D680KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-7D680RL YAGEO-RC0402FR-7D680RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0402FR-7D620RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com