Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4544A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4544A
Description  AC97 MULTIMEDIA AUDIO CODEC WITH SRC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4544A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4544A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4544A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
[ASAHI KASEI]
[AK4544A]
<MS0026-E-00>
2000/04
- 3 -
Pin/Function
No.
Signal Name
I/O
Description
1
DVdd1
-
Digital power supply; 3.3V or 5.0V(DVdd1 = DVdd2)
0.1uF + 4.7uF capacitors should be connected to digital ground.
2
XTL_IN
(MCLKI)
I
24.576MHz(512fs) Crystal is normally connected.
If crystal is not connected, external clock can be used.
3
XTL_OUT(open)
O
24.576MHz(512fs) Crystal. If external clock is used, this pin should be open.
4
DVss1
-
Digital Ground; 0V.
This pin should be directly connected to DVss2 on board.
5
SDATA_OUT
I
Serial 256-bit AC’97 data stream from digital controller
6
BIT_CLK
I/O
12.288MHz(256fs) serial data clock
Output at Primary codec. Input at Secondary codec.
7
DVss2
-
Digital Ground; 0V.
This pin should be directly connected to DVss1 on board.
8
SDATA_IN
O
Serial 256-bit AC’97 data stream to digital controller
9
DVdd2
-
Digital power supply; 3.3V or 5.0V(DVdd1 = DVdd2)
0.1uF + 4.7uF capacitors should be connected to digital ground.
10
SYNC
I
AC’97 Sync Clock, 48kHz(1fs) fixed rate sampling rate
11
RESET#
I
AC’97 Master Hardware Reset
12
PC_BEEP
I
PC Speaker beep pass through
13
PHONE
I
From telephony subsystem speakerphone
14
AUX_L
I
Aux Left Channel
15
AUX_R
I
Aux Right Channel
16
VIDEO_L
I
Video Audio Left Channel
17
VIDEO_R
I
Video Audio Right Channel
18
CD_L
I
CD Audio Left Channel
19
CD_GND
I
CD Audio analog ground
CD_GND or analog ground should be connected through capacitor.
20
CD_R
I
CD Audio Right Channel
21
MIC1
I
Desktop Microphone Input
22
MIC2
I
Second Microphone Input
23
LINE_IN_L
I
Line In Left Channel
24
LINE_IN_R
I
Line In Right Channel
25
AVdd1
-
Power supply; 5.0V(AVdd1=AVdd2)
0.1uF + 4.7uF capacitors should be connected to AVss1(analog ground).
26
AVss1
-
Analog Ground; 0V
27
Vref
O
Reference Voltage Output;
0.1
µF +4.7µF capacitors should be connected to Avss1(analog ground).
28
VrefOut
O
Reference Voltage Output (2.5V,1.25mA)
29
AFILTL
O
Anti-Aliasing Filter Cap; Connected to analog ground with 1nF capacitor.
30
AFILTR
O
Anti-Aliasing Filter Cap; Connected to analog ground with 1nF capacitor.
31
VRAD
O
Vref for ADC ; 0.1
µF capacitor should be connected to analog ground.
32
PLLfilter
O
Loop filter for PLL is connected; 36k resistor and 33nF capacitor in series and
390pF capacitor.
33
VRDA
O
Vref for DAC; 0.1
µF capacitor should be connected to analog ground.
34
3Dcap
O
3D Enhancement Cap; 27nF capacitor should be connected to analog ground.
35
LINE_OUT_L
O
Line Out Left Channel
36
LINE_OUT_R
O
Line Out Right Channel
37
MONO_OUT
O
To telephony subsystem speakerphone
38
AVdd2
-
Power supply; 5.0V(AVdd1=AVdd2)
0.1uF capacitor should be connected to AVss2(analog ground).
39
LNLVL_OUT_L
O
True Line Level Out Left Channel
40
NC
-
No Connection
41
LNLVL_OUT_R
O
True Line Level Out Right Channel
42
AVss2
-
Analog Ground
43
TEST2
I
Test pin (This pin should be open for normal operation):With internal pull-down.
44
TEST3
I
Test pin (This pin should be open for normal operation):With internal pull-down.
45
Codec ID0#
I
Codec ID configuration(ID select input for multiple codec extension) See Page21.
Negative logic input. With internal pull-up.
46
Codec ID1#
I
Codec ID configuration(ID select input for multiple codec extension) See Page21.
Negative logic input. With internal pull-up.


Similar Part No. - AK4544A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541VQ AKM-AK4541VQ Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
   AC97 AUDIO CODEC WITH SRC AND DIT
More results

Similar Description - AK4544A

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
Asahi Kasei Microsystem...
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
   AC97 AUDIO CODEC WITH SRC AND DIT
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
   Multimedia AC97 CODEC with Integrated Touch Screen Controller
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com