Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675IPHP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675IPHP
Description  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHP Datasheet(HTML) 4 Page - Texas Instruments

  DAC5675IPHP Datasheet HTML 1Page - Texas Instruments DAC5675IPHP Datasheet HTML 2Page - Texas Instruments DAC5675IPHP Datasheet HTML 3Page - Texas Instruments DAC5675IPHP Datasheet HTML 4Page - Texas Instruments DAC5675IPHP Datasheet HTML 5Page - Texas Instruments DAC5675IPHP Datasheet HTML 6Page - Texas Instruments DAC5675IPHP Datasheet HTML 7Page - Texas Instruments DAC5675IPHP Datasheet HTML 8Page - Texas Instruments DAC5675IPHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
4
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
19, 41, 46, 47
I
Analog negative supply voltage (ground)
AVDD
20, 42, 45, 48
I
Analog positive supply voltage
BIASJ
39
O
Full-scale output current bias
CLK
22
I
External clock input
CLKC
21
I
Complementary external clock input
D[13..0]A
1, 3, 5, 7, 9, 11,
13, 23, 25, 27,
29, 31, 33, 35
I
LVDS positive input, data bits 0 through 13
D13A is most significant data bit (MSB)
D0A is least significant data bit (MSB)
D[13..0]B
2, 4, 6, 8, 10, 12,
14, 24, 26, 28,
30, 32, 34, 36
I
LVDS negative input, data bits 0 through 13
D13B is most significant data bit (MSB)
D0B is least significant data bit (MSB)
DGND
16, 18
I
Digital negative supply voltage (ground)
DLLOFF
38
I
High DLL off / Low = DLL on
DVDD
15, 17
I
Digital positive supply voltage
EXTIO
40
I/O
Internal reference output or external reference input. Requires a 0.1-
µF decoupling capacitor to AGND
when used as reference output.
IOUT1
43
O
DAC current output. Full scale when all input bits are set 1. Connect reference side of DAC load
resistors to AVDD
IOUT2
44
O
DAC complementary current output. Full scale when all input bits are 0. Connect reference side of DAC
load resistors to AVDD
SLEEP
37
I
Asynchronous hardware power down input. Active high. No pull down or pull up.
Must be asserted high or low.


Similar Part No. - DAC5675IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5675IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
logo
Maxwell Technologies
5675 MAXWELL-5675 Datasheet
189Kb / 16P
   14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5542 BURR-BROWN-ADS5542 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com