Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4545 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4545
Description  AC97 AUDIO CODEC WITH SRC AND DIT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4545 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4545 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4545 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
[ASAHI KASEI]
[AK4545]
MS0058-E-00
2000/11
- 11 -
General Description
nAC ‘97 Connection to the Digital AC ’97 controller
2AC ‘97 communicates with its companion AC ‘97 controller via a digital serial link, AC-link”. All digital audio streams, and
command/status information are communicated over this point to point serial interconnect. A breakout of the signals connecting the
two is shown in the following figure.
SYNC
AC’97
Controller
AC’97
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
nDigital Interface
The AK4545 incorporates a 5 pin digital serial interface that links it to the AC ’97 controller. AC-link is a bi-directional, fixed
rate(48kHz), serial PCM digital stream. It handles multiple input, and output audio streams, as well as control register accesses
employing a time division multiplexed (TDM) scheme. The AC-link architecture divides each audio frame into 12 outgoing and 12
incoming data streams, each with 20-bit sample resolution. DAC and ADC resolution of the AK4545 is 18 bit resolution. The data
streams currently defined by the AC ‘97 specification include:
l PCM Playback
2 output slots
2 channel composite PCM output stream
l PCM Record data
2 input slots
2 channel composite PCM input stream
l Control
2 output slots
Control register write port
l Status
2 input slots
Control register read port
l S/PDIF output data
2 output slots
2 channel composite data output stream
SYNC, fixed at 48 KHz, is derived by dividing down the serial bit clock (BIT_CLK). BIT_CLK, fixed at 12.288 MHz, provides the
necessary clocking granularity to support 12, 20-bit outgoing and incoming time slots. AC-link serial data is transitioned on each
rising edge of BIT_CLK. The receiver of AC-link data, the AK4545 for outgoing data and AC ’97 controller for incoming data,
samples each serial bit on the falling edges of BIT_CLK.The AK4545 outputs BIT_CLK.
The AC-link protocol provides for a special 16-bit slot (Slot 0) wherein each bit conveys a valid tag for its corresponding time slot
within the current audio frame. A “1” in a given bit position of slot 0 indicates that the corresponding time slot within the current audio
frame has been assigned to a data stream, and contains valid data. If a slot is “Tagged” invalid, it is the responsibility of the source
of the data, (The AK4545 for the input stream, AC ’97 controller for the output stream), to stuff all bit positions with 0’s during that
slot’s active time.
SYNC remains high for a total duration of 16 BIT_CLKs at the beginning of each audio frame. The portion of the audio frame where
SYNC is high is defined as the “Tag Phase”. The remainder of the audio frame where SYNC is low is defined as the “Data Phase”.
Note that SDATA_OUT and SDATA_IN data is delayed one BIT_CLK becauseAC’97 controller causes SYNC
signal high at a rising edge of BIT_CLK which initiates a frame.
“Output” stream means the direction from AC ’97 controller to the AK4545, and “Input” stream means the direction
from the AK4545 to AC’97 controller
2All the following sentences written with small italic font in this document quote the AC’ 97 component specification.


Similar Part No. - AK4545

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541VQ AKM-AK4541VQ Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543VQ AKM-AK4543VQ Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4544 AKM-AK4544 Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
More results

Similar Description - AK4545

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
   AC97 Audio CODEC and Mixer with Integrated Headphone Driver
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
logo
Wolfson Microelectronic...
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com