Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS659109A1RSLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS659109A1RSLR
Description  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659109A1RSLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS659109A1RSLR Datasheet HTML 7Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 8Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 9Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 10Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 11Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 12Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 13Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 14Page - Texas Instruments TPS659109A1RSLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
www.ti.com
SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013
THERMAL MONITORING AND SHUTDOWN
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hot-die temperature rising threshold
THERM_HDSEL[1:0] = 00
117
THERM_HDSEL[1:0] = 01
121
°C
THERM_HDSEL[1:0] = 10
113
125
136
THERM_HDSEL[1:0] = 11
130
Hot-die temperature hysteresis
10
°C
Thermal shutdown temperature rising
136
148
160
°C
threshold
Thermal shutdown temperature hysteresis
10
°C
Device in ACTIVE state, Temp = 27°C,
Ground current
6
µA
VCC7 = 3.6 V
32-kHz RTC CLOCK
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLK32KOUT rise and fall time
CL = 35 pF
10
ns
Bypass Clock (OSC32KIN: input, OSC32KOUT floating)
Input bypass clock frequency
OSCKIN input
32
kHz
Input bypass clock duty cycle
OSCKIN input
40%
60%
Input bypass clock rise and fall time
10% – 90%, OSC32KIN input,
10
20
ns
CLK32KOUT duty cycle
Logic output signal
40%
60%
Bypass clock setup time
32KCLKOUT output
1
ms
Ground current
Bypass mode
1.5
µA
Crystal oscillator (connected from OSC32KIN to OSC32KOUT)
Output frequency
CK32KOUT output
32.768
kHz
Oscillator startup time
On power on
2
s
Ground current
1.5
µA
RC oscillator (OSC32KIN: grounded, OSC32KOUT floating)
Output frequency
CK32KOUT output
32
kHz
Output frequency accuracy
@ 25°C
–15%
0%
+15%
Cycle jitter (RMS)
Oscillator contribution
+10%
Output duty cycle
+40%
+50%
+60%
Settling time
150
µs
Ground current
Active @ fundamental frequency
4
µA
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Similar Part No. - TPS659109A1RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659109A1RSLR TI1-TPS659109A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS659109A1RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com