Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-87710022A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-87710022A
Description  DUAL OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-87710022A Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-87710022A Datasheet HTML 6Page - Texas Instruments 5962-87710022A Datasheet HTML 7Page - Texas Instruments 5962-87710022A Datasheet HTML 8Page - Texas Instruments 5962-87710022A Datasheet HTML 9Page - Texas Instruments 5962-87710022A Datasheet HTML 10Page - Texas Instruments 5962-87710022A Datasheet HTML 11Page - Texas Instruments 5962-87710022A Datasheet HTML 12Page - Texas Instruments 5962-87710022A Datasheet HTML 13Page - Texas Instruments 5962-87710022A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
DUAL OPERATIONAL AMPLIFIERS
SLOS068R − JUNE 1976 − REVISED JULY 2010
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating conditions, VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V
(see Figure 1)
0.3
V/
µs
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF (see Figure 1)
0.7
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz
(see Figure 2)
40
nV/
√Hz
+
VO
RL
CL
VI
VCC+
VCC−
Figure 1. Unity-Gain Amplifier
+
VO
100
VCC+
VCC−
RS
900
VI = 0 V
Figure 2. Noise-Test Circuit


Similar Part No. - 5962-87710022A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-87710022A TI-5962-87710022A Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
5962-87710022A TI1-5962-87710022A Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
5962-87710022A TI-5962-87710022A Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
5962-87710022A TI-5962-87710022A Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
5962-87710022A TI1-5962-87710022A Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-87710022A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com