Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMA6L75A Datasheet(PDF) 5 Page - Littelfuse

Part # TPSMA6L75A
Description  Transient Voltage Suppression Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TPSMA6L75A Datasheet(HTML) 5 Page - Littelfuse

  TPSMA6L75A Datasheet HTML 1Page - Littelfuse TPSMA6L75A Datasheet HTML 2Page - Littelfuse TPSMA6L75A Datasheet HTML 3Page - Littelfuse TPSMA6L75A Datasheet HTML 4Page - Littelfuse TPSMA6L75A Datasheet HTML 5Page - Littelfuse TPSMA6L75A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
5
Revised: December 12, 2012
TVS Diode Arrays (SPAFamily of Products)
TPSMA6L Series
Surface Mount – 600W > TPSMA6L Series
Please refer to http://www.Littelfuse.com for current information.
Dimensions
Physical Specifications
Weight
0.002 ounce, 0.061 gram
Case
JEDEC DO-221AC molded plastic over
glass passivated junction
Polarity
Color band denotes cathode except bipolar
Terminal
Matte tin-plated leads, solderable per
JESD22-B102D
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.156
0.181
3.950
4.600
B
0.189
0.220
4.800
5.600
C
0.049
0.069
1.250
1.750
D
0.088
0.116
2.250
2.950
E
0.030
0.059
0.750
1.500
F
0.005
0.010
0.125
0.250
G
0.035
0.043
0.900
1.100
Environmental Specifications
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD22-A102
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Thermal Shock
JESD22-A106
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes max.
Do not exceed
280°C
D
3.12 (0.123)
1.20 (0.047)
1.52 (0.060)
Mounting Pad Layout
A
B
E
E
C
G
F
Cathode Band


Similar Part No. - TPSMA6L75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
36Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMA6.8 TAYCHIPST-TPSMA6.8 Datasheet
13Mb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Similar Description - TPSMA6L75A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com