Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4551 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4551
Description  LOW POWER & SMALL PACKAGE 20BIT CODEC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4551 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4551 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4551 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ASAHI KASEI
[AK4551]
MS0029-E-00
2000/5
- 3 -
ABSOLUTE MAXIMUM RATINGS
(VSS=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supply
VDD
-0.3
4.6
V
Input Current (Any Pin Except Supplies)
IIN
-
±10
mA
Input Voltage
VIN
-0.3
VDD+0.3
V
Ambient Temperature (power applied)
Ta
-20
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
WARNING: Operation at or beyond these limits may results in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V; Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supply
VDD
2.2
2.5
3.6
V
Note 1
. All voltages with respect to ground.
*AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - AK4551

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
More results

Similar Description - AK4551

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com