Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4304 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE4304
Description  RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4304 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE4304 Datasheet HTML 3Page - Peregrine Semiconductor PE4304 Datasheet HTML 4Page - Peregrine Semiconductor PE4304 Datasheet HTML 5Page - Peregrine Semiconductor PE4304 Datasheet HTML 6Page - Peregrine Semiconductor PE4304 Datasheet HTML 7Page - Peregrine Semiconductor PE4304 Datasheet HTML 8Page - Peregrine Semiconductor PE4304 Datasheet HTML 9Page - Peregrine Semiconductor PE4304 Datasheet HTML 10Page - Peregrine Semiconductor PE4304 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
PE4304
Page 7 of 11
Document No. 70-0066-04
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to
control the PE4304. The P/S bit provides this
selection, with P/S=LOW selecting the parallel
interface and P/S=HIGH selecting the serial
interface.
Parallel Mode Interface
The parallel interface consists of five CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 5.
The parallel interface timing requirements are
defined by Figure 19 (Parallel Interface Timing
Diagram), Table 9 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For latched parallel programming the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW
(per Figure 19) to latch new attenuation state into
device.
For direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
Table 5. Truth Table
Note: Not all 64 possible combinations of C0.5-C16 are shown in table
Serial Interface
The serial interface is a 6-bit serial-in, parallel-out
shift register buffered by a transparent latch. It is
controlled by three CMOS-compatible signals: Data,
Clock, and Latch Enable (LE). The Data and Clock
inputs allow data to be serially entered into the shift
register, a process that is independent of the state of
the LE input.
The LE input controls the latch. When LE is HIGH,
the latch is transparent and the contents of the serial
shift register control the attenuator. When LE is
brought LOW, data in the shift register is latched.
The shift register should be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data. The timing for this operation is defined by
Figure 18 (Serial Interface Timing Diagram) and
Table 8 (AC Characteristics).
Power-up Control Settings
The PE4304 always assumes a specifiable
attenuation setting on power-up. This feature exists
for both the Serial and Parallel modes of operation,
and allows a known attenuation state to be
established before an initial serial or parallel control
word is provided.
When the attenuator powers up in Serial mode (P/
S=1), the six control bits are set to whatever data is
present on the six parallel data inputs (C0.5 to C16).
This allows any one of the 64 attenuation settings to
be specified as the power-up state.
When the attenuator powers up in Parallel mode (P/
S=0) with LE=0, the control bits are automatically set
to one of four possible values. These four values
are selected by the two power-up control bits, PUP1
and PUP2, as shown in Table 6 (Power-Up Truth
Table, Parallel Mode).
Table 6. Parallel PUP Truth Table
Note:
Power up with LE=1 provides normal parallel operation
with C0.5-C16, and PUP1 and PUP2 are not active.
P/S
C16
C8
C4
C2
C1
C0.5
Attenuation
State
0
0
0
0
0
0
0
Reference Loss
0
0
0
0
0
0
1
0.5 dB
0
0
0
0
0
1
0
1 dB
0
0
0
0
1
0
0
2 dB
0
0
0
1
0
0
0
4 dB
0
0
1
0
0
0
0
8 dB
0
1
0
0
0
0
0
16 dB
0
1
1
1
1
1
1
31.5 dB
P/S
LE
PUP2
PUP1
Attenuation State
0
0
0
0
Reference Loss
0
0
1
0
8 dB
0
0
0
1
16 dB
0
0
1
1
31 dB
0
1
X
X
Defined by C0.5-C16


Similar Part No. - PE4304

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Pasternack Enterprises,...
PE4304 PASTERNACK-PE4304 Datasheet
91Kb / 1P
   TNC MALE BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 & RG316
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
   75 廓 RF Digital Attenuator
PE4304-EK PEREGRINE-PE4304-EK Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
More results

Similar Description - PE4304

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com