Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4562VN Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4562VN
Description  LOW POWER 20BIT CODEC WITH PGA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4562VN Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4562VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4562VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ASAHI KASEI
[AK4562]
MS0031-E-00
2000/05
- 1 -
FEATURES
1. Resolution : 20bits
2. Recording Functions
• 2-Stereo Inputs Mixer
• Analog Input PGA
• Monaural Mixing
• Digital HPF for DC-offset cancellation (fc=3.4Hz@fs=44.1kHz)
3. Playback Functions
• Digital De-emphasis Filter (tc=50/15us, fs=32kHz, 44.1kHz and 48kHz)
• Analog Output PGA
• 2 types Stereo Outputs (DAC and Analog Output PGA)
4. Power Management
5. ADC Characteristics
• Input Level : 1.5Vpp = 0.6 x VREF@VREF=2.5V
• S/(N+D) : 82dB
• DR, S/N : 88dB
6. DAC Characteristics
• Output Level : 1.5Vpp = 0.6 x VREF@VREF=2.5V
• S/(N+D) : 86dB
• DR, S/N : 93dB
7. 3-wire Serial Control, SSB I/F
8. Master Clock : 256fs/384fs
9. Audio Data Format : MSB First, 2’s compliment
• ADC : 20bit MSB justified, I2S
• DAC : 16bit LSB justified, 20bit LSB justified, 24bit LSB justified, I2S
10. Power Supply
• CODEC, PGA : 2.2 ∼ 3.0V (typ. 2.5V)
• Digital I/F : 1.8 ∼ 3.0V (typ. 2.5V)
11. Power Supply Current
• IPGA + ADC : 7mA
• DAC + OPGA : 5.5mA
12. Ta = -20
∼ 70°C
13. Package : 28pin QFN
• Size : 5.2mm x 5.2mm
• Height : 1mm (max)
• Pitch : 0.5mm
Low Power 20bit
∆Σ CODEC with PGA
AK4562


Similar Part No. - AK4562VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4562 AKM-AK4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
More results

Similar Description - AK4562VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK5356 AKM-AK5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Wolfson Microelectronic...
WM8976 WOLFSON-WM8976 Datasheet
1Mb / 83P
   Low Power CODEC With Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com