Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1512-50K5L-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1512-50K5L-13
Description  50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1512-50K5L-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1512-50K5L-13 Datasheet HTML 4Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 5Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 6Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 7Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 8Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 9Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 10Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 11Page - Diodes Incorporated AP1512-50K5L-13 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512/A Rev. 4
10 of 12
MAY 2008
www.diodes.com
© Diodes Incorporated
Functional Description
+VIN
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at this pin to minimize
voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN – VSAT) and approximately – 0.5V, with a duty cycle of approximately VOUT /
VIN.
To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be kept a minimum.
Feedback
Senses the regulated output voltage to complete the feedback loop.
ON/OFF
Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately
150uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a
maximum of 40V) shuts the regulator down.
If this shutdown feature is not needed, the SD pin can be wired to the ground pin or it can
be left open, in either case the regulator will be in the ON condition.
Thermal Considerations
The AP1512/A is available in a 5-pin surface mount TO-263 package.
The TO-263 surface mount package tab is designed to be soldered to the copper on a printed circuit board.
The copper and the board
are the heat sink for this package and the other heat producing components, such as the catch diode and inductor.
The PC board
copper area that the package is soldered to should be at least 0.4 in
2, and ideally should have 2 or more square inches of 2 oz. Additional
copper area improves the thermal characteristics, but with copper areas greater than approximately 6 in
2, only small improvements in
heat dissipation are realized. If further thermal improvements are needed, double sided, multilayer PC boards with large copper areas
and/or airflow are recommended.
The AP1512/A (TO-263 package) junction temperature rises above ambient temperature with a 2A load for various input and output
voltages.
This data was taken with the circuit operating as a buck switching regulator with all components mounted on a PC board to
simulate the junction temperature under actual operating conditions.
This curve can be used for a quick check for the approximate
junction temperature for various conditions, but be aware that there are many factors that can affect the junction temperature.
When
load currents higher than 2A are used, double sided or multilayer PC boards with large copper areas and/or airflow might be needed,
especially for high ambient temperatures and high output voltages.
For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board
layout.
(Once exception to this is the output (switch) pin, which should not have large areas of copper.)
Large areas of copper provide
the best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors that will affect these
numbers.
Some of these factors include board size, shape, thickness, position, location, and even board temperature.
Other factors
are, trace width, total printed circuit copper area, copper thickness, single or double-sided, multilayer board and the amount of solder on
the board.
The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of other components on
the board, as well as whether the surrounding air is still or moving. Furthermore, some of these components such as the catch diode will
add heat to the PC board and the heat can vary as the input voltage changes.
For the inductor, depending on the physical size, type of
core material and the DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to the board.


Similar Part No. - AP1512-50K5L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
More results

Similar Description - AP1512-50K5L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
logo
Anachip Corp
AP1512 ANACHIP-AP1512 Datasheet
225Kb / 12P
   50KHz, 2A/3A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com