Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3947ISD-51 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3947ISD-51
Description  LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3947ISD-51 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3947ISD-51 Datasheet HTML 6Page - Texas Instruments LP3947ISD-51 Datasheet HTML 7Page - Texas Instruments LP3947ISD-51 Datasheet HTML 8Page - Texas Instruments LP3947ISD-51 Datasheet HTML 9Page - Texas Instruments LP3947ISD-51 Datasheet HTML 10Page - Texas Instruments LP3947ISD-51 Datasheet HTML 11Page - Texas Instruments LP3947ISD-51 Datasheet HTML 12Page - Texas Instruments LP3947ISD-51 Datasheet HTML 13Page - Texas Instruments LP3947ISD-51 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LP3947
SNVS298B – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
Table 3. LED Indicator Summary
RED LED
GREEN LED (EOC)
(CHG)
Charger Off
OFF
OFF
Charging Li Ion Battery(1)
ON
OFF
Maintenance Mode
OFF
ON
Charging Li Ion Battery after Passing Maintenance Mode
OFF
ON
EN Pin = LOW
OFF
ON
LDO Mode
OFF
OFF
5.6 Hr Safety Timer Flag/Battery Temperature Violation
ON
ON
(1)
Charging Li Ion battery for the first time after VCHG-IN insertion.
Ts PIN
The LP3947 continuously monitors the battery temperature by measuring the voltage between the Ts pin and
ground. Charging stops if the battery temperature is outside the permitted temperature range set by the battery’s
internal thermistor RT and the external bias resistor RS. A 1% precision resistor should be used for RS. A curve 2
type thermistor is recommended for RT. The voltage across RT is proportional to the battery temperature. If the
battery temperature is outside of the range during the charge cycle, the LP3947 will suspend charging. As an
example, for a temperature range of 0°C to 50°C, a 10k
Ω for the thermistor and a 4.1kΩ for Rs should be used.
When battery temperature returns to the permitted range, charging resumes from the beginning of the flow chart
and the 5.6 hr safety timer is reset. Refer to Figure 4. LP3947 Charger Flow Chart for more information.
In absence of the thermistor, Ts pin will be pulled high to VT and the LP3947 goes into LDO mode. In this mode,
the internal power FET provides up to 1.2 amp of current at the BATT pin. The LDO output is set to 4.1V or 4.2V,
depending on the programmed battery regulation voltage. When operating at higher output currents, care must
be taken not to exceed the package power dissipation rating. See “Thermal Performance of WSON Package”
section for more detail.
Table 4. Charger Status in Relation to Ts Voltage
Voltage on the Ts Pin
Charger Status
Ts
≥ 2.7V
LDO Mode
2.427v
≤ Ts < 2.7V
Charger Off
0V
≤ Ts ≤ 1.39V
1.39V < Ts < 2.427V
Charger On
LDO MODE
The charger is in the LDO mode when the Ts pin is left floating. This mode of operation is used primarily during
system level testing of the handset to eliminate the need for battery insertion. CAUTION: battery may be
damaged if device is operating in LDO mode with battery connected.
The internal power FET provides up to 1.2 amp of current at BATT pin in this mode. The LDO output is set to
4.1V. When operating at higher output currents, care must be taken not to exceed the package power dissipation
rating. See “Thermal Performance of WSON Package” section for more detail.
EN PIN
The Enable pin is used to enable/disable the charger, in both the charger mode and the LDO mode, see Figure 6
Figure 7. The enable pin is internally pulled HIGH to the CHG-IN pin. When the charger is disabled, it draws less
than 4 µA of current.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3947


Similar Part No. - LP3947ISD-51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results

Similar Description - LP3947ISD-51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Texas Instruments
BQ24050 TI-BQ24050 Datasheet
1Mb / 37P
[Old version datasheet]   800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
   2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com