Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5353 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK5353
Description  96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5353 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK5353 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5353 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ASAHI KASEI
[AK5353]
M0067-E-00
1999/06
- 1 -
GENERAL DESCRIPTION
The AK5353 is a stereo A/D Converter with wide sampling rate of 4kHz
∼96kHz and is suitable for
multimedia audio system. The AK5353 achieves high accuracy and low cost by using Enhanced dual bit
∆Σ techniques. The AK5353 requires no external components because the analog inputs are single-
ended. The audio interface has two formats (MSB justified, I
2S) and can correspond to many systems like
Karaoke, surround.
FEATURES
o Stereo ∆Σ ADC
o On-Chip Digital Anti-Alias Filtering
o Single-ended Input
o Digital HPF for DC-Offset cancel
o S/(N+D): 84dB@5V, 80dB@3V for 48kHz
o DR:
96dB@5V, 92dB@3V for 48kHz
o S/N:
96dB@5V, 92dB@3V for 48kHz
o Sampling Rate Ranging from 4kHz to 96kHz
o Master Clock:
256fs/384fs/512fs (
∼48kHz)
256fs/384fs
(
∼96kHz)
o Low Power Dissipation: 70mW
o Small 16pin TSSOP Package
o Power Supply: 2.7∼5.5V (∼48kHz)
4.5
∼5.5V (∼96kHz)
o Ta=-40∼85°C
o Input level: TTL/CMOS selectable
o Output format: 24bit MSB justified / I
2S selectable
∆Σ
Modulator
MCLK
AINL
LRCK
SCLK
SDTO
PD
DIF
VCOM
Clock Divider
AINR
AGND
VA
Decimation
Filter
Serial I/O
Interface
Voltage Reference
TTL
DGND
VD
TST
VREF
∆Σ
Modulator
Decimation
Filter
96kHz 24Bit
∆Σ ADC with Single–ended Input
AK5353


Similar Part No. - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5353 AKM-AK5353 Datasheet
214Kb / 17P
   EVALUATION BOARD REV.B FOR AK5353
More results

Similar Description - AK5353

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
   96kHz 24BIT DAC WITH DIT
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
   96kHz 24Bit DAC with PLL
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com