Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4594DCKRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4594DCKRG4
Description  SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX4594DCKRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MAX4594DCKRG4 Datasheet HTML 6Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 7Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 8Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 9Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 10Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 11Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 12Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 13Page - Texas Instruments MAX4594DCKRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MAX4594
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS639 − JANUARY 2005
www.ti.com
10
V+
GND
IN
VBIAS
VI
VI = VIH or VIL
VBIAS = 0 V
Capacitance is measured at NO,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VCOM
VNO
COM
NO
Figure 16. Capacitance (CI, CCOM(OFF), CCOM(ON), CNO(OFF), CNO(ON))
CL(2)
RL
VCOM(3)
V+
GND
NO
IN
VNO
VI
COM
Logic
Input(1)
300
RL
CL
35 pF
tON
TEST
300
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
(VCOM)
0
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
(3) See Electrical Characteristics for VCOM.
Figure 17. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
NO
IN
VI
COM
50
W
50
W
VNO
VCOM
Channel ON: NO to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
+
VI = V+ or GND
Figure 18. Bandwidth (BW)


Similar Part No. - MAX4594DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4594DCKR TI-MAX4594DCKR Datasheet
196Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 10-?쪺PST ANALOG SWITCH
MAX4594DCKR TI1-MAX4594DCKR Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
More results

Similar Description - MAX4594DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRG4 TI1-MAX4596DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com