Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4596DCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MAX4596DCKR
Description  SINGLE-CHANNEL 10-OHM SPST ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX4596DCKR Datasheet(HTML) 5 Page - Texas Instruments

  MAX4596DCKR Datasheet HTML 1Page - Texas Instruments MAX4596DCKR Datasheet HTML 2Page - Texas Instruments MAX4596DCKR Datasheet HTML 3Page - Texas Instruments MAX4596DCKR Datasheet HTML 4Page - Texas Instruments MAX4596DCKR Datasheet HTML 5Page - Texas Instruments MAX4596DCKR Datasheet HTML 6Page - Texas Instruments MAX4596DCKR Datasheet HTML 7Page - Texas Instruments MAX4596DCKR Datasheet HTML 8Page - Texas Instruments MAX4596DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MAX4596
SINGLECHANNEL 10 W SPST ANALOG SWITCH
SLLS641 – JANUARY 2005
www.ti.com
5
Electrical Characteristics for 3-V Supply(1)
V+ = 2.7 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VCOM,
VNO
0
V+
V
ON-state
ron
VNO = 1.5 V,
Switch ON,
25
°C
2.7 V
10
20
ON-state
resistance
ron
VNO = 1.5 V,
ICOM = 10 mA,
Switch ON,
See Figure 13
Full
2.7 V
25
Digital Control Input (IN)
Input logic high
VIH
Full
2
5.5
V
Input logic low
VIL
Full
0
0.8
V
Input leakage
IIH, IIL
VI = V+ or 0
25
°C
3.6 V
−1
0.03
1
A
Input leakage
current
IIH, IIL
VI = V+ or 0
Full
3.6 V
−1
1
µA
Dynamic
Turn-on time
tON
VNO = 2 V,
CL = 35 pF,
25
°C
3 V
25
45
ns
Turn-on time
tON
VNO = 2 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.7 V to 3.6 V
55
ns
Turn-off time
tOFF
VNO = 2 V,
CL = 35 pF,
25
°C
3 V
30
50
ns
Turn-off time
tOFF
VNO = 2 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.7 V to 3.6 V
60
ns
Charge injection
QC
VGEN = 0, RGEN = 0,
CL = 1 nF,
See Figure 20
25
°C
3 V
2
4
pC
Supply
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
3.6 V
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Similar Part No. - MAX4596DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596DCKR TI-MAX4596DCKR Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4596DCKRE4 TI-MAX4596DCKRE4 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
More results

Similar Description - MAX4596DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
MAX4594DCKRG4 TI1-MAX4594DCKRG4 Datasheet
679Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 OHM SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com