Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA373AIDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA373AIDBVR
Description  6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA373AIDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA373AIDBVR Datasheet HTML 3Page - Texas Instruments OPA373AIDBVR Datasheet HTML 4Page - Texas Instruments OPA373AIDBVR Datasheet HTML 5Page - Texas Instruments OPA373AIDBVR Datasheet HTML 6Page - Texas Instruments OPA373AIDBVR Datasheet HTML 7Page - Texas Instruments OPA373AIDBVR Datasheet HTML 8Page - Texas Instruments OPA373AIDBVR Datasheet HTML 9Page - Texas Instruments OPA373AIDBVR Datasheet HTML 10Page - Texas Instruments OPA373AIDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
10k
100k
1M
10M
6
5
4
3
2
1
0
V
S =5.5V
V
S =5V
V
S =2.5V
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
−5 −4 −3 −2 −1
012
34
5 5.5
OFFSET VOLTAGE DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
1234
56
7
8
9 10 11 12 13 14 15 16
Typical production distribution
of packaged units.
SMALL−SIGNAL STEP RESPONSE
200ns/div
C
L = 100pF
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
Load Capacitance (pF)
10
100
1k
10k
60
50
40
30
20
10
0
G= +1V/V
G=
±10V/V
R
FB =10kΩ
Refer to the Capacitive Load
and Stability section for tips
on improving performance.
LARGE −SIGNAL STEP RESPONSE
400ns/div
C
L = 100pF


Similar Part No. - OPA373AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA373AIDBVR BURR-BROWN-OPA373AIDBVR Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA373AIDBVR TI1-OPA373AIDBVR Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
OPA373AIDBVRG4 TI1-OPA373AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Operational Amplifier
More results

Similar Description - OPA373AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com