Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2347UA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2347UA
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2347UA Datasheet(HTML) 3 Page - Texas Instruments

  OPA2347UA Datasheet HTML 1Page - Texas Instruments OPA2347UA Datasheet HTML 2Page - Texas Instruments OPA2347UA Datasheet HTML 3Page - Texas Instruments OPA2347UA Datasheet HTML 4Page - Texas Instruments OPA2347UA Datasheet HTML 5Page - Texas Instruments OPA2347UA Datasheet HTML 6Page - Texas Instruments OPA2347UA Datasheet HTML 7Page - Texas Instruments OPA2347UA Datasheet HTML 8Page - Texas Instruments OPA2347UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
OPA347, 2347, 4347
3
SBOS167D
www.ti.com
OPA347NA, UA, PA, SA
OPA2347EA, UA, YED
OPA4347EA, UA
ELECTRICAL CHARACTERISTICS: VS = 2.5V to 5.5V
Boldface limits apply over the specified temperature range, TA = –55°C to +125°C.
At TA = +25°C, RL = 100kΩ connected to VS/2 and VOUT = VS/2, unless otherwise noted.
NOTE: (1) Input bias current for the OPA2347YED package is specified in the absence of light. See the Photosensitivity section for further detail.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5.5V, VCM = (V–) + 0.8V
2
6
mV
over Temperature
27
mV
Drift
dVOS/dT
3
µV/°C
vs Power Supply
PSRR
VS = 2.5V to 5.5V, VCM < (V+) – 1.7V
60
175
µV/V
over Temperature
VS = 2.5V to 5.5V, VCM < (V+) – 1.7V
300
µV/V
Channel Separation, DC
0.3
µV/V
f = 1kHz
128
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.2
(V+) + 0.2
V
Common-Mode Rejection Ratio
CMRR
VS = 5.5V, (V–) – 0.2V < VCM < (V+) – 1.7V
70
80
dB
over Temperature
VS = 5.5V, V– < VCM < (V+) – 1.7V
66
dB
Vs = 5.5V, (V–) – 0.2V < VCM < (V+) + 0.2V
54
70
dB
over Temperature
Vs = 5.5V, V– < VCM < V+
48
dB
INPUT BIAS CURRENT(1)
Input Bias Current
Ib
±0.5
±10
pA
Input Offset Current
IOS
±0.5
±10
pA
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 6
Ω || pF
NOISE
VCM < (V+) – 1.7V
Input Voltage Noise, f = 0.1Hz to 10Hz
12
µV
PP
Input Voltage Noise Density, f = 1kHz
en
60
nV/
√Hz
Input Current Noise Density, f = 1kHz
in
0.7
fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VS = 5.5V, RL = 100kΩ, 0.015V < VO < 5.485V
100
115
dB
over Temperature
VS = 5.5V, RL = 100k, 0.015V < VO < 5.485V
88
dB
VS = 5.5V, RL = 5kΩ, 0.125V < VO < 5.375V
100
115
dB
over Temperature
VS = 5.5V, RL = 5k, 0.125V < VO < 5.375V
88
dB
AOL (SC-70 only)
VS = 5.5V, RL = 5kΩ 0.125V < VO < 5.375V
96
115
dB
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ, AOL > 100dB
5
15
mV
over Temperature
RL = 100k, AOL > 88dB
15
mV
RL = 5kΩ, AOL > 100dB
90
125
mV
over Temperature
RL = 5k, AOL > 88dB
125
mV
Short-Circuit Current
ISC
±17
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
350
kHz
Slew Rate
SR
G = +1
0.17
V/
µs
Settling Time, 0.1%
tS
VS = 5V, 2V Step, G = +1
21
µs
0.01%
VS = 5V, 2V Step, G = +1
27
µs
Overload Recovery Time
VIN × Gain = VS
23
µs
POWER SUPPLY
Specified Voltage Range
VS
2.5
5.5
V
Minimum Operating Voltage
2.3
V
Minimum Operating Voltage (OPA347SA)
2.4
V
Quiescent Current (per amplifier)
IQ
IO = 0
20
34
µA
over Temperature
38
µA
TEMPERATURE RANGE
Specified Range
–55
125
°C
Operating Range
–65
150
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
SOT23-5 Surface-Mount
200
°C/W
SOT23-8 Surface-Mount
150
°C/W
SO-8 Surface-Mount
150
°C/W
SO-14 Surface-Mount
100
°C/W
TSSOP-14 Surface-Mount
100
°C/W
DIP-8
100
°C/W
SC70-5 Surface-Mount
250
°C/W
WCSP
250
°C/W


Similar Part No. - OPA2347UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2347UA TI-OPA2347UA Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA2347UA TI-OPA2347UA Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA2347UA TI-OPA2347UA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA2347UA TI-OPA2347UA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA2347UA TI-OPA2347UA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA2347UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com