Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12050LAZ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050LAZ
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050LAZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH12050LAZ Datasheet HTML 6Page - Texas Instruments PTH12050LAZ Datasheet HTML 7Page - Texas Instruments PTH12050LAZ Datasheet HTML 8Page - Texas Instruments PTH12050LAZ Datasheet HTML 9Page - Texas Instruments PTH12050LAZ Datasheet HTML 10Page - Texas Instruments PTH12050LAZ Datasheet HTML 11Page - Texas Instruments PTH12050LAZ Datasheet HTML 12Page - Texas Instruments PTH12050LAZ Datasheet HTML 13Page - Texas Instruments PTH12050LAZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
CAPACITOR RECOMMENDATIONS FOR THE PTH12050 SERIES OF POWER MODULES
Input Capacitor
Output Capacitors (Optional)
Ceramic Capacitors
Tantalum Capacitors
Capacitor Table
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
The recommended input capacitor(s) is determined by the 100 µF minimum capacitance and 750 mArms
minimum ripple current rating. A 10-µF X5R/X7R ceramic capacitor may also be added to reduce the reflected
input ripple current. This is recommended for output voltage set points of 3.3 V and higher.
Ripple current, less than 100 m
Ω equivalent series resistance (ESR) and temperature are major considerations
when selecting input capacitors. Unlike polymer-tantalum capacitors, regular tantalum capacitors have a
recommended minimum voltage rating of 2
× (maximum dc voltage + ac ripple). This is standard practice to
ensure reliability. Only a few tantalum capacitors have sufficient voltage rating to meet this requirement. At
temperatures below 0
°C, the ESR of aluminum electrolytic capacitors increases. For these applications, Os-Con
types , polymer-tantalum, and polymer-aluminum types should be considered.
For applications with load transients (sudden changes in load current), regulator response benefits from external
output capacitance. The value of 100 µF is used to define the transient response specification. For most
applications, a high quality computer-grade aluminum electrolytic capacitor is adequate. These capacitors
provide decoupling over the frequency range, 2 kHz to 150 kHz, and are suitable for ambient temperatures
above 0
°C. Below 0°C, tantalum, ceramic or Os-Con type capacitors are recommended. When using one or
more nonceramic capacitors, the calculated equivalent ESR should be no lower than 4 m
Ω (7 mΩ using the
manufacturer'fs maximum ESR for a single capacitor). A list of preferred low-ESR type capacitors are identified in
Table 4.
In addition to electrolytic capacitance, adding a 10-µF X5R/X7R ceramic capacitor to the output reduces the
output ripple voltage and improve the regulator's transient response. The measurement of both the output ripple
and transient response is also best achieved across a 10-µF ceramic capacitor.
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can be
used to reduce the reflected ripple current at the input as well as improve the transient response of the output.
When used on the output their combined ESR is not critical as long as the total value of ceramic capacitance
does not exceed 300 µF. Also, to prevent the formation of local resonances, do not place more than five identical
ceramic capacitors in parallel with values of 10 µF or greater.
Tantalum type capacitors are most suited for use on the output bus, and are recommended for applications
where the ambient operating temperature can be less than 0
°C. The AVX TPS, Sprague 593D/594/595 and
Kemet T495/ T510 capacitor series are suggested over other tantalum types due to their higher rated surge,
power dissipation, and ripple current capability. As a caution many general purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation and lower ripple current capability. These capacitors are
also less reliable as they have no surge current rating. Tantalum capacitors that do not have a stated ESR or
surge current rating are not recommended for power applications.
When specifying Os-con and polymer tantalum capacitors for the output, the minimum ESR limit are encountered
well before the maximum capacitance value is reached.
Table 1 identifies the characteristics of capacitors from number of vendors with acceptable ESR and ripple
current (rms) ratings. The recommended number of capacitors required at both the input and output buses is
identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to insure both optimum regulator performance and long capacitor life.
10
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH12050W/L


Similar Part No. - PTH12050LAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050L TI-PTH12050L Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Emerson Network Power
PTH12050L EMERSON-NETWORKPOWER-PTH12050L Datasheet
855Kb / 5P
   12 Vin
More results

Similar Description - PTH12050LAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com