Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12050WAD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12050WAD
Description  6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12050WAD Datasheet(HTML) 5 Page - Texas Instruments

  PTH12050WAD Datasheet HTML 1Page - Texas Instruments PTH12050WAD Datasheet HTML 2Page - Texas Instruments PTH12050WAD Datasheet HTML 3Page - Texas Instruments PTH12050WAD Datasheet HTML 4Page - Texas Instruments PTH12050WAD Datasheet HTML 5Page - Texas Instruments PTH12050WAD Datasheet HTML 6Page - Texas Instruments PTH12050WAD Datasheet HTML 7Page - Texas Instruments PTH12050WAD Datasheet HTML 8Page - Texas Instruments PTH12050WAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
DEVICE INFORMATION
PTHXX050
(Top View)
1
5
2
3
4
6
PTH12050W/L
SLTS214H – MAY 2003 – REVISED OCTOBER 2007
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
VI
3
The positive input voltage power node to the module, which is referenced to common GND.
VO
6
The regulated positive power output with respect to the GND node.
This is the common ground connection for the VI and VO power connections. It is also the 0-VDC reference for the
GND
1
control inputs.
A 1% resistor must be directly connected between this pin and GND (pin 1) to set the output voltage of the module
to a value higher than its lowest value. The temperature stability of the resistor should be 100 ppm/
°C (or better).
VOAdjust
5
The set-point range is 1.2 V to 5.5 V for W-suffix devices, and 0.8 V to 1.8 V for L-suffix devices. The resistor value
required for a given output voltage may be calculated using a formula. If left open circuit, the output voltage defaults
to its lowest value. For further information on output voltage adjustment, see the related application note.
The specification table gives the preferred resistor values for a number of standard output voltages.
The Inhibit pin is an open-collector/drain negative logic input that is referenced to GND. Applying a low-level ground
signal to this input disables the module’s output and turns off the output voltage. When the Inhibit control is active,
the input current drawn by the regulator is significantly reduced. If the Inhibit pin is left open circuit, the module
Inhibit
4
produces an output whenever a valid input source is applied. Do not place an external pull-up on this pin. For
power-up into a non-prebiased output, it is recommended that AutoTrack be utilized for On/Off control. See the
Application Information for additional details.
This is an analog control input that enables the output voltage to follow an external voltage. This pin becomes
active typically 20 ms after the input voltage has been applied, and allows direct control of the output voltage from
0 V up to the nominal set-point voltage. Within this range, the output follows the voltage at the Track pin on a
Track
2
volt-for-volt basis. When the control voltage is raised above this range, the module regulates at its set-point voltage.
The feature allows the output voltage to rise simultaneously with other modules powered from the same input bus.
If unused, the input should be connected to VI.
Note: Due to the under-voltage lockout feature, the output of the module cannot follow its own input voltage during
power up. For more information, see the related application note.
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PTH12050W/L


Similar Part No. - PTH12050WAD

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12050WAD ARTESYN-PTH12050WAD Datasheet
201Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12050WAD EMERSON-NETWORKPOWER-PTH12050WAD Datasheet
168Kb / 4P
   DC-DC CONVERTERS
logo
Artesyn Technologies
PTH12050WADT ARTESYN-PTH12050WADT Datasheet
201Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12050WADT EMERSON-NETWORKPOWER-PTH12050WADT Datasheet
168Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTH12050WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com