Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5370VF Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK5370VF
Description  USB I/F A/D CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5370VF Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK5370VF Datasheet HTML 6Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 7Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 8Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 9Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 10Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 11Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 12Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 13Page - Asahi Kasei Microsystems AK5370VF Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ASAHI KASEI
[AK5370]
MS0027-E-00
10
2000/05
n Synchronization
The AK5370 operates as Asynchronous Device.
A/D converter in the AK5370 operates asynchronously with USB SOF timing. The
data from A/D converter are sent continuously to a buffer memory while the data are burstly transferred at the interval of SOF on the
USB. In order to control the difference of timing, AK5370 has a FIFO memory with a capacity of 2-frame depth .The average sampling
rate calculating from USB frame should be in accordance with A/D sampling rate (fs).
The following figure shows an example. When sampling frequency is set to 44.1kHz, the number of data is almost 44 samples in one
frame. But the AK5370 must send 45 samples in once per ten times.
Please see Figure 7.
44 samples
44 samples
45 samples
N Frame
(N+1) Frame
(N+9) Frame
44 samples
(N+10) Frame
Figure 7.
Synchronization
The data sampled by A/D converter in N Frame are output to the USB bus on somewhere the (N+1) frame by issuing IN transfer.
n Power Management Control
In the normal operation, MICBIAS outputs the voltage to supply the microphone’s bias voltage.
When idle state continues for 3ms, the AK5370 goes to suspend state and forces ADC block and other unnecessary block to power-down
mode. MICBIAS pin does not supply the bias voltage to save power consumption and is open state under suspend state.
The device resumes the normal operation within 30ms after the device receives resume signal
n Feature Unit Control & Frequency Control
The AK5370 has three feature unit function; mute, volume, and AGC.
The host issues “SET_FEATURE_UNIT_CONTROL” request to change the volume, the status of mute or AGC. The AK5370 responds
to the request for CUR value only, not respond for MIN, MAX, RES value.
Note that the AK5370 doesn’t have AGC circuit itself and
that it decodes AGC request only.
The host can get the CUR/MAX/MIN/RES value of the volume by requesting “GET_FEATURE_CONTROL”.
However, only CUR
value is supported for mute and AGC.
Volume Control Format of USB Audio Class is a) 16-bit integer, b) upper-bye is integer (-127 to 127), and lower-bye is fraction.
The AK5370 follows the conversion table described in Table 1 in page 22 for the volume control request
When the AK5370 receives “SET_ENDPOINT_CONTROL” request, it changes sampling frequency(fs).
If fs is not supported, the
device forces to set the appropriate fs which it supports.
The host can get fs by issuing “GET_ENDPOINT_CONTROL” request.


Similar Part No. - AK5370VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371AVQ AKM-AK5371AVQ Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371VQ AKM-AK5371VQ Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5373 AKM-AK5373 Datasheet
567Kb / 53P
   24-bit Stereo ADC with USB Interface
More results

Similar Description - AK5370VF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
logo
Tripp Lite. All Rights ...
U005-10I TRIPPLITE-U005-10I Datasheet
481Kb / 2P
   USB A/A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in.
U00510I TRIPPLITE-U00510I Datasheet
480Kb / 2P
   USB A-A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in
logo
E-Tech Electronics LTD
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
   D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
Tripp Lite. All Rights ...
U004010R TRIPPLITE-U004010R Datasheet
473Kb / 2P
   USB 1.1 Gold Extension Cable (USB-A M-F)
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
   Next Generation I/F Connector Supporting Micro USB 3.0
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com