Electronic Components Datasheet Search |
|
BZT52H-B62 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
BZT52H-B62 Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 13 page BZT52H_SER All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 3 — 7 December 2010 6 of 13 NXP Semiconductors BZT52H series Single Zener diodes in a SOD123F package [1] f = 1 MHz; VR =0V. [2] tp = 100 μs; Tamb =25 °C. [1] f = 1 MHz; VR =0V. [2] tp = 100 μs; Tamb =25 °C. Table 9. Characteristics per type; BZT52H-B27 to BZT52H-C51 Tj =25 °C unless otherwise specified. BZT52H -xxx Sel Working voltage VZ (V); IZ =2mA Maximum differential resistance rdif (Ω) Reverse current IR (μA) Temperature coefficient SZ (mV/K); IZ =5mA Diode capacitance Cd (pF)[1] Non-repetitive peak reverse current IZSM (A)[2] Min Max IZ =1mA IZ =5mA Max VR (V) Min Max Max Max 27 B 26.5 27.5 250 40 0.05 18.9 21.4 25.3 50 1.0 C 25.1 28.9 30 B 29.4 30.6 250 40 0.05 21 24.4 29.4 50 1.0 C 28.0 32.0 33 B 32.3 33.7 250 40 0.05 23.1 27.4 33.4 45 0.9 C 31.0 35.0 36 B 35.3 36.7 250 60 0.05 25.2 30.4 37.4 45 0.8 C 34.0 38.0 39 B 38.2 39.8 300 75 0.05 27.3 33.4 41.2 45 0.7 C 37.0 41.0 43 B 42.1 43.9 325 80 0.05 30.1 37.6 46.6 40 0.6 C 40.0 46.0 47 B 46.1 47.9 325 90 0.05 32.9 42.0 51.8 40 0.5 C 44.0 50.0 51 B 50.0 52.0 350 100 0.05 35.7 46.6 57.2 40 0.4 C 48.0 54.0 Table 10. Characteristics per type; BZT52H-B56 to BZT52H-C75 Tj =25 °C unless otherwise specified. BZT52H -xxx Sel Working voltage VZ (V); IZ =2mA Maximum differential resistance rdif (Ω) Reverse current IR (μA) Temperature coefficient SZ (mV/K); IZ =5mA Diode capacitance Cd (pF)[1] Non-repetitive peak reverse current IZSM (A)[2] Min Max IZ =0.5 mA IZ =2mA Max VR (V) Min Max Max Max 56 B 54.9 57.1 375 120 0.05 39.2 52.2 63.8 40 0.3 C 52.0 60.0 62 B 60.8 63.2 400 140 0.05 43.4 58.8 71.6 35 0.3 C 58.0 66.0 68 B 66.6 69.4 400 160 0.05 47.6 65.6 79.8 35 0.25 C 64.0 72.0 75 B 73.5 76.5 400 175 0.05 52.5 73.4 88.6 35 0.20 C 70.0 79.0 |
Similar Part No. - BZT52H-B62 |
|
Similar Description - BZT52H-B62 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |