Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5383VS Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5383VS
Description  Enhanced Dual bit 96 kHz 24-bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5383VS Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5383VS Datasheet HTML 2Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 3Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 4Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 5Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 6Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 7Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 8Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 9Page - Asahi Kasei Microsystems AK5383VS Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ASAHI KASEI
[AK5383]
M0049-E-03
2000/4
- 6 -
ANALOG CHARACTERISTICS
(Ta=25
°C; VA=5.0V; VD=3.3V; AGND,BGND,DGND=0V; fs=48kHz; Signal Frequency=1kHz;
24bit Output; Measurement frequency=10Hz~20kHz; unless otherwise specified)
Parameter
min
typ
max
Units
Resolution
24
Bits
Analog Input Characteristics:
fs=48kHz
-1dBFS
-20dBFS
-60dBFS
96
-
-
103
87
47
dB
dB
dB
S/(N+D)
fs=96kHz
BW=40kHz
-1dBFS
-20dBFS
-60dBFS
93
-
-
100
81
41
dB
dB
dB
Dynamic Range (-60dBFS with A-Weighted )
105
110
dB
S/N
( A-Weighted )
105
110
dB
Interchannel Isolation
110
120
dB
Interchannel Gain Mismatch
0.1
0.5
dB
Gain Drift
150
ppm/
°C
Offset Error
after calibration, HPF=OFF
after calibration, HPF=ON
±200
±1
±1000
LSB24
LSB24
Offset Drift
(HPF=OFF)
-
±10
-
LSB24/
°C
Offset Calibration Range
(HPF=OFF)
±50
mV
Input Voltage
(AIN+)-(AIN-)
±2.3
±2.45
±2.6
V
Input Impedance
8
14
k
Power Supplies
Power Supply Current
VA
VD (fs=48kHz; DFS=L)
(fs=96kHz; DFS=H)
38
6
9
54
9
14
mA
mA
mA
Power Dissipation
210
300
mW
Power Supply Rejection
(Note 4)
70
dB
Note: 4. PSRR is applied to VA, VD with 1kHz, 20mVpp.


Similar Part No. - AK5383VS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5383VS AKM-AK5383VS Datasheet
409Kb / 22P
   EVALUATION BOARD REV.B FOR AK5383VF
AK5383VS AKM-AK5383VS Datasheet
404Kb / 22P
   Evaluation board Rev.B for AK5383VF
More results

Similar Description - AK5383VS

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5393 AKM-AK5393 Datasheet
112Kb / 18P
   Enhanced Dual bit 96 kHz 24-bit ADC
logo
List of Unclassifed Man...
AK5357 ETC-AK5357 Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871_15 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com