Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75188DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75188DRG4
Description  QUADRUPLE LINE DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75188DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75188DRG4 Datasheet HTML 1Page - Texas Instruments SN75188DRG4 Datasheet HTML 2Page - Texas Instruments SN75188DRG4 Datasheet HTML 3Page - Texas Instruments SN75188DRG4 Datasheet HTML 4Page - Texas Instruments SN75188DRG4 Datasheet HTML 5Page - Texas Instruments SN75188DRG4 Datasheet HTML 6Page - Texas Instruments SN75188DRG4 Datasheet HTML 7Page - Texas Instruments SN75188DRG4 Datasheet HTML 8Page - Texas Instruments SN75188DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range, VCC± = ±9 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
SN55188
MC1488, SN75188
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VCC + = 9 V,
6
7
6
7
VOH
High-level output voltage
VIL = 0.8 V,
VCC + = 9 V,
VCC − = − 9 V
6
7
6
7
V
VOH
High-level output voltage
VIL = 0.8 V,
RL = 3 kΩ
VCC + = 13.2 V,
9
10.5
9
10.5
V
RL = 3 kΩ
VCC + = 13.2 V,
VCC − = − 13.2 V
9
10.5
9
10.5
VCC + = 9 V,
−7‡
−6
−7
−6
VOL
Low-level output voltage
VIH = 1.9 V,
VCC + = 9 V,
VCC − = − 9 V
−7‡
−6
−7
−6
V
VOL
Low-level output voltage
VIH = 1.9 V,
RL = 3 kΩ
VCC + = 13.2 V,
− 10.5‡
−9
− 10.5
−9
V
RL = 3 kΩ
VCC + = 13.2 V,
VCC − = − 13.2 V
− 10.5‡
−9
− 10.5
−9
IIH
High-level input current
VI = 5 V
10
10
µA
IIL
Low-level input current
VI = 0
−1
− 1.6
−1
− 1.6
mA
IOS(H)
Short-circuit output
§
VI = 0.8 V,
VO = 0
− 4.6
−9
− 13.5
−6
−9
−12
mA
IOS(H)
Short-circuit output
current at high level§
VI = 0.8 V,
VO = 0
− 4.6
−9
− 13.5
−6
−9
−12
mA
IOS(L)
Short-circuit output
§
VI = 1.9 V,
VO = 0
4.6
9
13.5
6
9
12
mA
IOS(L)
Short-circuit output
current at low level§
VI = 1.9 V,
VO = 0
4.6
9
13.5
6
9
12
mA
ro
Output resistance,
VCC + = 0,
VCC − = 0,
300
300
ro
Output resistance,
power off
VCC + = 0,
VO = − 2 V to 2 V
VCC − = 0,
300
300
VCC + = 9 V,
All inputs at 1.9 V
15
20
15
20
VCC + = 9 V,
No load
All inputs at 0.8 V
4.5
6
4.5
6
ICC +
Supply current from
VCC + = 12 V,
All inputs at 1.9 V
19
25
19
25
mA
ICC +
Supply current from
VCC +
VCC + = 12 V,
No load
All inputs at 0.8 V
5.5
7
5.5
7
mA
VCC +
VCC + = 15 V,
All inputs at 1.9 V
34
34
VCC + = 15 V,
No load, TA = 25°C All inputs at 0.8 V
12
12
VCC − = − 9 V,
All inputs at 1.9 V
−13
−17
−13
−17
VCC − = − 9 V,
No load
All inputs at 0.8 V
− 0.5
− 0.015
ICC −
Supply current from ICC −
VCC − = − 12 V,
All inputs at 1.9 V
−18
−23
−18
−23
mA
ICC −
Supply current from ICC −
VCC − = − 12 V,
No load
All inputs at 0.8 V
− 0.5
− 0.015
mA
VCC − = − 15 V,
All inputs at 1.9 V
−34
−34
VCC − = − 15 V,
No load, TA = 25°C All inputs at 0.8 V
− 2.5
− 2.5
VCC + = 9 V,
VCC − = − 9 V,
333
333
PD
Total power dissipation
VCC + = 9 V,
No load
VCC − = − 9 V,
333
333
mW
PD
Total power dissipation
VCC + = 12 V,
No load
VCC − = − 12 V,
576
576
mW
† All typical values are at TA = 25°C.
‡ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for logic voltage
levels only, e.g., if − 6 V is a maximum, the typical value is a more negative voltage.
§ Not more than one output should be shorted at a time.


Similar Part No. - SN75188DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75188DR TI-SN75188DR Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN75188DR TI-SN75188DR Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN75188DRE4 TI-SN75188DRE4 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results

Similar Description - SN75188DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com