Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500CDG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4500CDG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4500CDG4 Datasheet(HTML) 4 Page - Texas Instruments

  THS4500CDG4 Datasheet HTML 1Page - Texas Instruments THS4500CDG4 Datasheet HTML 2Page - Texas Instruments THS4500CDG4 Datasheet HTML 3Page - Texas Instruments THS4500CDG4 Datasheet HTML 4Page - Texas Instruments THS4500CDG4 Datasheet HTML 5Page - Texas Instruments THS4500CDG4 Datasheet HTML 6Page - Texas Instruments THS4500CDG4 Datasheet HTML 7Page - Texas Instruments THS4500CDG4 Datasheet HTML 8Page - Texas Instruments THS4500CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5 V
RF = RG = 392 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
THS4500 AND THS4501
TYP
OVER TEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
TYP/
0
°C to
–40°C to
+25
°C
+25
°C
UNITS
MAX
+70
°C
+85
°C
AC PERFORMANCE
G = +1, PIN = –20 dBm, RF = 392 Ω
370
MHz
Typ
G = +2, PIN = –30 dBm, RF = 1 kΩ
175
MHz
Typ
Small-signal bandwidth
G = +5, PIN = –30 dBm, RF = 2.4 kΩ
70
MHz
Typ
G = +10, PIN = –30 dBm, RF = 5.1 kΩ
30
MHz
Typ
Gain-bandwidth product
G
> +10
300
MHz
Typ
Bandwidth for 0.1-dB flatness
PIN = –20 dBm
150
MHz
Typ
Large-signal bandwidth
VP = 2 V
220
MHz
Typ
Slew rate
4 VPP Step
2800
V/
μs
Typ
Rise time
2 VPP Step
0.4
ns
Typ
Fall time
2 VPP Step
0.5
ns
Typ
Settling time to 0.01%
VO = 4 VPP
8.3
ns
Typ
0.1%
VO = 4 VPP
6.3
ns
Typ
Harmonic distortion
G = +1, VO = 2 VPP
Typ
f = 8 MHz
–82
dBc
Typ
2nd harmonic
f = 30 MHz
–71
dBc
Typ
f = 8 MHz
–97
dBc
Typ
3rd harmonic
f = 30 MHz
–74
dBc
Typ
Third-order intermodulation
VO= 2 VPP, fC= 30 MHz, RF = 392 Ω,
–90
dBc
Typ
distortion
200 kHz tone spacing
fC = 30 MHz, RF = 392 Ω,
Third-order output intercept point
49
dBm
Typ
Referenced to 50
Input voltage noise
f
> 1 MHz
7
nV/
√Hz
Typ
Input current noise
f
> 100 kHz
1.7
pA/
√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
60
ns
Typ
DC PERFORMANCE
Open-loop voltage gain
55
52
50
50
dB
Min
Input offset voltage
–4
–7/–1
–8/0
–9/+1
mV
Max
Average offset voltage drift
±10
±10
μV/°C
Typ
Input bias current
4
4.6
5
5.2
μA
Max
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.5
1
2
2
μA
Max
Average offset current drift
±40
±40
nA/
°C
Typ
INPUT
Common-mode input range
–5.7/2.6
–5.4/2.3
–5.1/2
–5.1/2
V
Min
Common-mode rejection ratio
80
74
70
70
dB
Min
Input impedance
107 || 1
Ω || pF
Typ
OUTPUT
Differential output voltage swing
RL = 1 kΩ
±8
±7.6
±7.4
±7.4
V
Min
Differential output current drive
RL = 20 Ω
120
110
100
100
mA
Min
Output balance error
PIN = –20 dBm, f = 100 kHz
–58
dB
Typ
Closed-loop output impedance
f = 1 MHz
0.1
Typ
(single-ended)
4
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501


Similar Part No. - THS4500CDG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500CDG4 NSC-THS4500CDG4 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4500CDG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com