Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4500CDGKR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4500CDGKR
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4500CDGKR Datasheet(HTML) 3 Page - Texas Instruments

  THS4500CDGKR Datasheet HTML 1Page - Texas Instruments THS4500CDGKR Datasheet HTML 2Page - Texas Instruments THS4500CDGKR Datasheet HTML 3Page - Texas Instruments THS4500CDGKR Datasheet HTML 4Page - Texas Instruments THS4500CDGKR Datasheet HTML 5Page - Texas Instruments THS4500CDGKR Datasheet HTML 6Page - Texas Instruments THS4500CDGKR Datasheet HTML 7Page - Texas Instruments THS4500CDGKR Datasheet HTML 8Page - Texas Instruments THS4500CDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
(TOPVIEW)
THS4501
D,DGN,DGK
(TOPVIEW)
THS4500
D,DGN,DGK
V
IN- 1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
PD
V
IN- 1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S-
V
OUT-
NC
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
PACKAGE/ORDERING INFORMATION(1)
ORDERABLE PACKAGE AND NUMBER
PLASTIC MSOP(2)
TEMPERATURE
PLASTIC MSOP(2)
PLASTIC SMALL
PowerPAD
OUTLINE (D)
DGN
SYMBOL
DGK
SYMBOL
THS4500CD
THS4500CDGN
BFB
THS4500CDGK
ATVB
0
°C to +70°C
THS4501CD
THS4501CDGN
BFD
THS4501CDGK
ATW
THS4500ID
THS4500IDGN
BFC
THS4500IDGK
ASV
–40°C to +85°C
THS4501ID
THS4501IDGN
BFE
THS4501IDGK
ASW
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
All packages are available taped and reeled. The R suffix standard quantity is 2500. The T suffix standard quantity is 250 (for example,
THS4501DT).
PIN ASSIGNMENTS
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4500 THS4501


Similar Part No. - THS4500CDGKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4500CDGKR NSC-THS4500CDGKR Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500CDGKRG4 NSC-THS4500CDGKRG4 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4500CDGKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com