Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPL2014-103MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # EPL2014-103MLB
Description  Shielded Power Inductors ??EPL2014
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL2014-103MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  EPL2014-103MLB Datasheet HTML 1Page - Coilcraft lnc. EPL2014-103MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShieldedPowerInductors– EPL2014
Document 583-1
Document 583-1 Revised 10/28/09
Inductance2
DCR (Ohms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
nom
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
EPL2014-271ML_
0.27
0.030
0.036
570
1.50
2.30
2.80
2.04
2.73
EPL2014-301ML_ This part number has been changed to EPL2014-271. The EPL2014-301 is not available
EPL2014-421ML_
0.42
0.037
0.044
438
1.40
2.00
2.40
1.93
2.57
EPL2014-471ML_ This part number has been changed to EPL2014-421. The EPL2014-471 is not available
EPL2014-601ML_
0.60
0.043
0.052
290
1.20
1.80
2.25
1.83
2.43
EPL2014-821ML_
0.82
0.051
0.061
163
0.950
1.40
1.75
1.49
2.03
EPL2014-102ML_
1.0
0.059
0.071
153
0.900
1.30
1.68
1.43
1.94
EPL2014-152ML_
1.5
0.075
0.086
109
0.720
1.20
1.60
1.34
1.86
EPL2014-222ML_
2.2
0.120
0.132
80
0.600
0.980
1.30
1.07
1.42
EPL2014-332ML_
3.3
0.152
0.167
62
0.540
0.800
1.10
0.923
1.23
EPL2014-472ML_
4.7
0.231
0.254
46
0.380
0.650
0.880
0.788
1.06
EPL2014-682ML_
6.8
0.287
0.316
44
0.350
0.590
0.800
0.676
0.915
EPL2014-822ML_
8.2
0.378
0.416
39
0.290
0.500
0.680
0.640
0.849
EPL2014-103ML_
10
0.440
0.459
33
0.250
0.450
0.600
0.564
0.729
Designer’s Kit C413 contains 5 each of all values
Core material Ferrite
Environmental RoHS compliant, halogen free
Terminations Since March, 2009: RoHS compliant tin-silver-copper
over tin over nickel over silver-platinum. Prior to March, 2009: RoHS
compliant tin-silver-copper over gold over nickel over silver-platinum.
Weight 20 – 25 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.28 mm thick, 4 mm pocket spacing, 1.65 mm pocket depth
PCB washing Only pure water or alcohol recommended
• ExtremelylowDCRandveryhighSRFratings
• Isat ratings as high as 2.8 A
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A network analyzer or equivalent.
5. DC current at which the inductance drops from its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
1. When ordering, please specify
termination and packaging codes:
EPL2014-103MLC
Termination:L = RoHS compliant tin-silver-copper over tin over nickel
Special order, added cost:
S = non-RoHS tin-lead
(63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).


Similar Part No. - EPL2014-103MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2014-103ML COILCRAFT-EPL2014-103ML Datasheet
202Kb / 2P
   SMT Power Inductors
EPL2014-103ML COILCRAFT-EPL2014-103ML Datasheet
167Kb / 2P
   Shielded Power Inductors ??EPL2014
EPL2014-103ML COILCRAFT-EPL2014-103ML Datasheet
165Kb / 2P
   Shielded Power Inductors
EPL2014-103MLD COILCRAFT-EPL2014-103MLD Datasheet
167Kb / 2P
   Shielded Power Inductors - EPL2014
EPL2014-103ML_ COILCRAFT-EPL2014-103ML_ Datasheet
373Kb / 2P
   Shielded Power Inductors
More results

Similar Description - EPL2014-103MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL2014-332MLC COILCRAFT-EPL2014-332MLC Datasheet
167Kb / 2P
   Shielded Power Inductors - EPL2014
EPL2014-682MLB COILCRAFT-EPL2014-682MLB Datasheet
167Kb / 2P
   Shielded Power Inductors ??EPL2014
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com