Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3112IDDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS3112IDDAR
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3112IDDAR Datasheet(HTML) 5 Page - Texas Instruments

  THS3112IDDAR Datasheet HTML 1Page - Texas Instruments THS3112IDDAR Datasheet HTML 2Page - Texas Instruments THS3112IDDAR Datasheet HTML 3Page - Texas Instruments THS3112IDDAR Datasheet HTML 4Page - Texas Instruments THS3112IDDAR Datasheet HTML 5Page - Texas Instruments THS3112IDDAR Datasheet HTML 6Page - Texas Instruments THS3112IDDAR Datasheet HTML 7Page - Texas Instruments THS3112IDDAR Datasheet HTML 8Page - Texas Instruments THS3112IDDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
THS3112
THS3115
www.ti.com
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
POWER SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = +25°C
4.4
5.5
VCC = ±5 V
TA = full range
6
ICC
Quiescent current (per channel)
mA
TA = +25°C
4.9
6.5
VCC = ±15 V
TA = full range
7.5
TA = +25°C
53
60
VCC = ±5 V
TA = full range
50
PSRR
Power-supply rejection ratio
dB
TA = +25°C
60
69
VCC = ±15 V
TA = full range
55
SHUTDOWN CHARACTERISTICS (THS3115 Only)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF
REF pin voltage level
VCC–
VCC+ – 4
V
Enable
REF + 0.8
V
VSHDN
SHUTDOWN pin voltage level
Disable
REF + 2
V
ICC(SHDN)
Shutdown quiescent current (per channel)
REF = 0 V, VCC= ±5 V to ±15 V
0.3
0.45
mA
tDIS
Disable time (1)
VCC= ±15 V
200
ns
tEN
Enable time(1)
VCC= ±15 V
300
ns
VCC= ±5 V to ±15 V, VSHDN = 0 V,
IIL(SHDN)
Shutdown pin low level leakage current
18
25
µA
REF = 0 V
VCC= ±5 V to ±15 V, VSHDN = 3.3 V,
IIH(SHDN)
Shutdown pin high level leakage current
110
130
µA
REF = 0 V
(1)
Disable/enable time is defined as the time from when the shutdown signal is applied to the SHDN pin to when the supply current has
reached half of its final value.
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Figure 1 to Figure 11,
Small-signal closed-loop gain
vs Frequency
Figure 13, Figure 14
Gain and phase
vs Frequency
Figure 12
Small-signal closed-loop noninverting gain
vs Frequency
Figure 15, Figure 16
Small-signal closed-loop inverting gain
vs Frequency
Figure 17, Figure 18
Small- and large-signal output
vs Frequency
Figure 19, Figure 20
vs Frequency
Figure 20,Figure 21
Harmonic distortion
vs Peak-to-peak output voltage
Figure 23, Figure 24
Vn, In
Voltage noise and current noise
vs Frequency
Figure 25
CMRR
Common-mode rejection ratio
vs Frequency
Figure 26
PSRR
Power-supply rejection ratio
vs Frequency
Figure 27
Crosstalk
vs Frequency
Figure 28
zo
Output impedance
vs Frequency
Figure 29
SR
Slew rate
vs Output voltage step
Figure 30
vs Free-air temperature
Figure 31
VIO
Input offset voltage
vs Common-mode input voltage
Figure 32
IB
Input bias current
vs Free-air temperature
Figure 33
VO
Output voltage
vs Output current
Figure 34, Figure 35
Output voltage headroom
vs Output current
Figure 36
ICC
Supply current (per channel)
vs Supply voltage
Figure 37
Shutdown response
Figure 38
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS3112 THS3115


Similar Part No. - THS3112IDDAR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3112 TI1-THS3112 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3112IDDAR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com