Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75188NSRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75188NSRE4
Description  QUADRUPLE LINE DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75188NSRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75188NSRE4 Datasheet HTML 3Page - Texas Instruments SN75188NSRE4 Datasheet HTML 4Page - Texas Instruments SN75188NSRE4 Datasheet HTML 5Page - Texas Instruments SN75188NSRE4 Datasheet HTML 6Page - Texas Instruments SN75188NSRE4 Datasheet HTML 7Page - Texas Instruments SN75188NSRE4 Datasheet HTML 8Page - Texas Instruments SN75188NSRE4 Datasheet HTML 9Page - Texas Instruments SN75188NSRE4 Datasheet HTML 10Page - Texas Instruments SN75188NSRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
MAXIMUM SUPPLY VOLTAGE
vs
FREE-AIR TEMPERATURE
RL ≥ 3 kΩ (from each output to GND)
14
12
10
8
6
4
2
100
75
50
25
0
−25
−50
0
125
16
TA − Free-Air Temperature − °C
−75
Figure 6
† Data for temperatures below 0°C and above 70°C are applicable to the SN55188 circuit only.
APPLICATION INFORMATION
Diodes placed in series with the VCC+ and VCC − leads protect
the SN55188/SN75188 in the fault condition in which the device
outputs are shorted to
±15 V, and the power supplies are at low
voltage and provide low-impedance paths to ground.
VCC +
VCC −
±15 V
Output
VCC +
VCC −
’188
’188
10 k
1 k
− 10 V to 0 V
Output to MOS
or SN75188
1/4 SN55188
− 0.7 V to 10 V
Output to HNIL
1/4 SN55188
or SN75188
− 0.7 V to 5.7 V
Output to DTL
5 V
1/4 SN55188
or SN75188
or SN75188
1/4 SN55188
− 0.7 V to 3.7 V
Output to RTL
3 V
− 12 V
VCC + = 12 V
VCC − = − 12 V
Figure 7. Logic Translator Applications
Figure 8. Power-Supply Protection to Meet
Power-Off Fault Conditions of
ANSI TIA / EIA-232-E


Similar Part No. - SN75188NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75188NSRE4 TI-SN75188NSRE4 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results

Similar Description - SN75188NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com