Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6062CDG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS6062CDG4
Description  LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6062CDG4 Datasheet(HTML) 5 Page - Texas Instruments

  THS6062CDG4 Datasheet HTML 1Page - Texas Instruments THS6062CDG4 Datasheet HTML 2Page - Texas Instruments THS6062CDG4 Datasheet HTML 3Page - Texas Instruments THS6062CDG4 Datasheet HTML 4Page - Texas Instruments THS6062CDG4 Datasheet HTML 5Page - Texas Instruments THS6062CDG4 Datasheet HTML 6Page - Texas Instruments THS6062CDG4 Datasheet HTML 7Page - Texas Instruments THS6062CDG4 Datasheet HTML 8Page - Texas Instruments THS6062CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
OPERATING CHARACTERISTICS
THS6062
SLOS228D – JANUARY 1999 – REVISED OCTOBER 2007
At TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VCC = ±15 V
100
SR
Slew rate (2)
VCC = ±5 V
GAIN = –1
80
V/
μs
VCC = ±2.5 V
70
VCC = ±15 V,
5-V step
60
Settling time to 0.1%
VCC = ±5 V,
2.5-V step
GAIN = –1
45
ns
VCC = ±2.5 V,
1-V step
35
ts
VCC = ±15 V,
5-V step
90
Settling time to 0.01%
VCC = ±5 V,
2.5-V step
GAIN = –1
80
ns
VCC = ±2.5 V,
1-V step
75
RL = 150 Ω
–72
VCC = ±5 V or ±15 V,
THD
Total harmonic distortion
dBc
VO(pp) = 2 V, f = 1 MHz, Gain = 2)
RL = 1 kΩ
–90
Vn
Input voltage noise
VCC = ±5 V or ±15 V, f = 10 kHz
1.6
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V, f = 10 kHz
1.2
pV/
√Hz
VCC = ±15 V
100
Dynamic performance small-signal
VO(pp) = 0.4 V,
VCC = ±5 V
90
MHz
bandwidth (–3 dB)
Gain = 2, –1
VCC = ±2.5 V
85
VCC = ±15 V
50
BW
VO(pp) = 0.4 V,
Bandwidth for 0.1 dB flatness
VCC = ±5 V
45
MHz
Gain = 2, –1
VCC = ±2.5 V
40
VO(pp) = 20 V, VCC = ±15 V
1.6
Full power bandwidth(3)
RL = 1 kΩ
MHz
VO(pp) = 5 V, VCC = ±5 V
5
Channel-to-channel crosstalk
VCC = ±5 V or ±15 V, f = 1 MHz, Gain = 2
–61
dBc
(1)
Full range = 0
°C to 70°C for the THS6062C and –40°C to 85°C for the THS6062I.
(2)
Slew rate is measured from an output level range of 25% to 75%.
(3)
Full power bandwidth = slew rate /2
π V(peak)
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS6062


Similar Part No. - THS6062CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062CDGN TI-THS6062CDGN Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062CDGN TI1-THS6062CDGN Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062CDGNR TI1-THS6062CDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6062CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com