Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3115ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS3115ID
Description  LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3115ID Datasheet(HTML) 4 Page - Texas Instruments

  THS3115ID Datasheet HTML 1Page - Texas Instruments THS3115ID Datasheet HTML 2Page - Texas Instruments THS3115ID Datasheet HTML 3Page - Texas Instruments THS3115ID Datasheet HTML 4Page - Texas Instruments THS3115ID Datasheet HTML 5Page - Texas Instruments THS3115ID Datasheet HTML 6Page - Texas Instruments THS3115ID Datasheet HTML 7Page - Texas Instruments THS3115ID Datasheet HTML 8Page - Texas Instruments THS3115ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
THS3112
THS3115
SLOS385C – SEPTEMBER 2001 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
DC PERFORMANCE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = +25°C
6
10
Input offset voltage
TA = full range
13
mV
VIO
VCC = ±5 V, VCC = ±15 V
TA = +25°C
1
3
Channel offset voltage matching
TA = full range
4
Offset drift
TA = full range
10
µV/°C
TA = +25°C
23
IN- Input bias current
TA = full range
30
IIB
VCC = ±5 V, VCC = ±15 V
µA
TA = +25°C
0.33
2
IN+ Input bias current
TA = full range
3
TA = +25°C
4
22
IIO
Input offset current
VCC = ±5 V, VCC = ±15 V
µA
TA = full range
30
ZOL
Open-loop transimpedance
VCC = ±5 V, VCC = ±15 V
RL = 1 kΩ
1
M
INPUT CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±5 V
±2.5
±2.7
TA = full
VICR
Input common-mode voltage range
V
range
VCC= ±15 V
±12.5
±12.7
TA = +25°C
56
62
VCC = ±5 V,
TA = full
VI = –2.5 V to 2.5 V
54
range
CMRR
Common-mode rejection ratio
dB
TA = +25°C
63
67
VCC = ±15 V,
TA = full
VI = –12.5 V to 12.5 V
60
range
IN+
1.5
M
RI
Input resistance
IN–
15
CI
Input capacitance
2
pF
OUTPUT CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 1 kΩ
TA = +25°C
3.9
TA = +25°C
3.6
3.8
G = 4,
VI = 1 V, VCC = ±5 V,
V
RL = 100Ω
TA = full
3.4
range
VO
Output voltage swing
RL = 1 kΩ
TA = +25°C
13.5
TA = +25°C
12.2
13.3
G = 4,
VI = 3.4 V, VCC= ±15 V,
V
RL = 100Ω
TA = full
12
range
G = 4,
VI = 0.9 V, VCC= ±5 V,
RL = 25 Ω
TA = +25°C
100
130
mA
IO
Output current drive
G = 4,
VI = 1.7 V, VCC = ±15 V,
RL = 25 Ω
TA = +25°C
175
270
mA
ro
Output resistance
Open loop
14
4
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): THS3112 THS3115


Similar Part No. - THS3115ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3115 BURR-BROWN-THS3115 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3115 TI-THS3115 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - THS3115ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com