Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6062IDG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS6062IDG4
Description  LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6062IDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6062IDG4 Datasheet HTML 6Page - Texas Instruments THS6062IDG4 Datasheet HTML 7Page - Texas Instruments THS6062IDG4 Datasheet HTML 8Page - Texas Instruments THS6062IDG4 Datasheet HTML 9Page - Texas Instruments THS6062IDG4 Datasheet HTML 10Page - Texas Instruments THS6062IDG4 Datasheet HTML 11Page - Texas Instruments THS6062IDG4 Datasheet HTML 12Page - Texas Instruments THS6062IDG4 Datasheet HTML 13Page - Texas Instruments THS6062IDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
www.ti.com
VCC+
VCC−
VCC = ± 15Vand ± 5V
60
40
20
0
10
100
1k
10k
100k
80
100
f − Frequency − Hz
120
1M
10M
100M
_
+
1kΩ
1kΩ
1kΩ
1kΩ
RL
150 Ω
VO
VI
60
40
20
0
10
100
1k
10k
100k
80
100
f − Frequency − Hz
120
1M
10M 100M
VCC = ± 15V
VCC = ± 5V
Vn
In
1
10
100
1k
10
f − Frequency − Hz
20
10k
100k
VCC = ± 15VAND ± 5V
TA =25°C
Input=CH2
Output=CH1
Input=CH1
Output=CH2
VCC = ± 15V
PI =0dBm
SeeFigure1
−30
−60
−70
−90
100k
1M
10M
−20
−10
f − Frequency − Hz
0
100M
500M
−40
−50
−80
THS6062
SLOS228D – JANUARY 1999 – REVISED OCTOBER 2007
POWER-SUPPLY REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
VOLTAGE NOISE AND CURRENT NOISE
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS6062


Similar Part No. - THS6062IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062IDGN TI-THS6062IDGN Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDGNR TI1-THS6062IDGNR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDGNRG4 TI1-THS6062IDGNRG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6062IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
THS6072 NSC-THS6072 Datasheet
971Kb / 31P
   LOW-POWER ADSL DIFFERENTIAL RECEIVER
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
DS90C402 TI1-DS90C402_13 Datasheet
813Kb / 14P
[Old version datasheet]   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
National Semiconductor ...
DS90C402 NSC-DS90C402 Datasheet
133Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
logo
Texas Instruments
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com