Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6003AV Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK6003AV
Description  SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6003AV Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK6003AV Datasheet HTML 2Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 3Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 4Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 5Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 6Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 7Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 8Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 9Page - Asahi Kasei Microsystems AK6003AV Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ASAHI KASEI
[AK6003A]
DAI03E-01
1999/10
- 6 -
Pin Descriptions
SCL(Serial Clock)
The SCL input is used to clock all data into and out of the device.
SDA(Serial Data)
The SDA is a bidirectional pin used to transfer data into and out of the device.
It is an open drain output and may be wire-ORed with any number of open drain or open collector
outputs.
S0, S1, S2(Device Address)
The S0, S1 and S2 are device address inputs that are used to set three bits of the slave address. A
total of eight devices can be connected to the same bus.
WC (Write Control)
If the WC is High level, WRITE operations will not be executed. If the WC is Low level, the AK6003A
will be enabled to perform WRITE operation.
As the WC is internally pulled down to GND, the AK6003A will be enabled to perform WRITE
operation if the WC is left floating.
WC must not change from the start condition input to the stop condition input.
VCC(Power Supply)
GND(Ground)


Similar Part No. - AK6003AV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6002AF AKM-AK6002AF Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6002AV AKM-AK6002AV Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6004A AKM-AK6004A Datasheet
176Kb / 18P
   I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
AK6004A AKM-AK6004A Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
More results

Similar Description - AK6003AV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
   2K I2C??Serial EEPROM Software Write-Protect
2011
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com