Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510INS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5510INS
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5510INS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5510INS Datasheet HTML 7Page - Texas Instruments TLC5510INS Datasheet HTML 8Page - Texas Instruments TLC5510INS Datasheet HTML 9Page - Texas Instruments TLC5510INS Datasheet HTML 10Page - Texas Instruments TLC5510INS Datasheet HTML 11Page - Texas Instruments TLC5510INS Datasheet HTML 12Page - Texas Instruments TLC5510INS Datasheet HTML 13Page - Texas Instruments TLC5510INS Datasheet HTML 14Page - Texas Instruments TLC5510INS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
CLOCK
CLOCK
ANALOG IN
OE
D1
D2
D3
D4
D5
D6
D7
D8
To Processor
100 pF
49.9
0.1
µF
4.7
µF
0.1
µF +
4.7
µF
+
0.1
µF
4.7
µF
+
FB1†
FB3
_
+
0.1
µF
+
4.7
µF
AVSS
0.1
µF
4.7
µF
+
1 k
AVDD
10 k
Ω POT
1 k
4.7
µF
49.9
VDDA
VDDA
VDDA
REFTS
REFT
+
4.7
µF
0.1
µF
4.7
µF
+
REFBS
REFB
0.1
µF
4.7
µF
+
AGND
AGND
681
VDDD
VDDD
DGND
DGND
0.1
µF
0.1
µF
4.7
µF
DVDD
TLC5510
THS3001
681
5 V
– 5V
† FB – Ferrite Bead
5 V
Figure 7. TLC5510 Application Schematic


Similar Part No. - TLC5510INS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510INS TI1-TLC5510INS Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INS TI1-TLC5510INS Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSG4 TI1-TLC5510INSG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSG4 TI1-TLC5510INSG4 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSLE TI-TLC5510INSLE Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5510INS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com