Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE1AL26 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DE1AL26
Description  COMPACT HIGH-INSULATION POLARIZED POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DE1AL26 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DE1AL26 Datasheet HTML 1Page - Panasonic Semiconductor DE1AL26 Datasheet HTML 2Page - Panasonic Semiconductor DE1AL26 Datasheet HTML 3Page - Panasonic Semiconductor DE1AL26 Datasheet HTML 4Page - Panasonic Semiconductor DE1AL26 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DE (ADE)
2
ds_61A01_en_de: 100811D
TYPES AND COIL DATA (at 20
C 68F)
• Single side stable type
1 Form A, 1 Form A 1 Form B, 2 Form A
• 1 coil latching type
1 Form A
• 2 coil latching type
1 Form A
Note: Insert contact arrangement, e.g.1a, 1a1b, 2a, in
for contact form required.
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
(initial)
Drop-out
voltage,
V DC (min.)
(initial)
Coil resistance,
 (10%)
Nominal operating
current,
mA (
10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
DE
-1.5V
1.5
1.05
0.15
11.3
132.7
200
1.95
DE
-3V
3
2.1
0.3
45
66.6
200
3.9
DE
-4.5V
4.5
3.15
0.45
101
44.5
200
5.85
DE
-5V
5
3.5
0.5
125
40
200
6.5
DE
-6V
6
4.2
0.6
180
33.3
200
7.8
DE
-9V
9
6.3
0.9
405
22.2
200
11.7
DE
-12V
12
8.4
1.2
720
16.6
200
15.6
DE
-24V
24
16.8
2.4
2,880
8.3
200
31.2
DE
-48V
48
33.6
4.8
11,520
4.2
200
62.4
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (min.)
(initial)
Coil resistance,
 (10%)
Nominal operating
current,
mA (
10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
DE
-L-1.5V
1.5
1.05
1.05
22.5
66.6
100
1.95
DE
-L-3V
3
2.1
2.1
90
33.3
100
3.9
DE
-L-4.5V
4.5
3.15
3.15
202
22.3
100
5.85
DE
-L-5V
5
3.5
3.5
250
20
100
6.5
DE
-L-6V
6
4.2
4.2
360
16.7
100
7.8
DE
-L-9V
9
6.3
6.3
812
11.1
100
11.7
DE
-L-12V
12
8.4
8.4
1,440
8.3
100
15.6
DE
-L-24V
24
16.8
16.8
5,760
4.2
100
31.2
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
(initial)
Reset
voltage,
V DC (min.)
(initial)
Coil resistance,
 (10%)
Nominal operating
current,
mA (
10%)
Nominal operating
power,
mW
Max.
allowable
voltage,
V DC
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
DE
-L2-1.5V
1.5
1.05
1.05
11.3
11.3
66.6
66.6
200
200
1.95
DE
-L2-3V
3
2.1
2.1
45
45
66.6
66.6
200
200
3.9
DE
-L2-4.5V
4.5
3.15
3.15
101
101
44.5
44.5
200
200
5.85
DE
-L2-5V
5
3.5
3.5
125
125
40
40
200
200
6.5
DE
-L2-6V
6
4.2
4.2
180
180
33.3
33.3
200
200
7.8
DE
-L2-9V
9
6.3
6.3
405
405
22.2
22.2
200
200
11.7
DE
-L2-12V
12
8.4
8.4
720
720
16.6
16.6
200
200
15.6
DE
-L2-24V
24
16.8
16.8
2,880
2,880
8.3
8.3
200
200
31.2
TYPICAL APPLICATIONS
• Temperature controller
• Automatic meter reading
• OA equipment
• FA equipment
ORDERING INFORMATION
Product name
Contact arrangement
Operating function
Coil voltage, V DC
DE
1a: 1 Form A
1a1b: 1 Form A 1 Form B
2a: 2 Form A
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
1.5, 3, 4.5, 5,
6, 9, 12, 24, 48**
DE
1a
L
3
Ex.
Notes: 1) Standard packing; Carton (tube package)
20 pcs. Case 500 pcs.
2) UL/CSA, VDE approved type is standard.
V
**just for single side stable


Similar Part No. - DE1AL26

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DE1A-1V NAIS-DE1A-1V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A-2V NAIS-DE1A-2V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A-4V NAIS-DE1A-4V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
DE1A-6V NAIS-DE1A-6V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
More results

Similar Description - DE1AL26

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
American Zettler, Inc.
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com