Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1521IPAPG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK1521IPAPG4
Description  500 Mbps to 1.3 Gbps TRANSCEIVER 
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1521IPAPG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK1521IPAPG4 Datasheet HTML 5Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 6Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 7Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 8Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 9Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 10Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 11Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 12Page - Texas Instruments TLK1521IPAPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591C− OCTOBER 2003 − REVISED JULY 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TERMINAL
DESCRIPTION
TYPE
NAME
DESCRIPTION
TYPE
NO.
RXD0
51
RXD1
50
RXD2
49
RXD3
47
RXD4
46
RXD5
45
RXD6
44
RXD7
42
Output
Receive data bus. These outputs carry 18-bit parallel data output from the transceiver to the protocol
RXD8
40
Output
(High-Z on
Receive data bus. These outputs carry 18-bit parallel data output from the transceiver to the protocol
device, synchronized to RX_CLK. The data is valid on the rising edge of RX_CLK as shown in Figure 7.
RXD9
39
(High-Z on
power up)
device, synchronized to RX_CLK. The data is valid on the rising edge of RX_CLK as shown in Figure 7.
These pins are tri-stated during power-on reset. These pins are also high impedance when enable = 0
RXD10
37
power up)
These pins are tri-stated during power-on reset. These pins are also high impedance when enable = 0
RXD11
36
RXD12
35
RXD13
34
RXD14
32
RXD15
31
RXD16
30
RXD17
29
RX_CLK
41
Output (low
on power
up)
Recovered clock. Output clock that is synchronized to RXD. RX_CLK is the recovered serial data rate
clock divided by 20. RX_CLK is held low during power-on reset. These pins are also high impedance when
enable = 0
SYNC
25
Input
(w/pulldown)
Fast
synchronization.
When
asserted
high,
the
transmitter
substitutes
the
18-bit
pattern
111111111000000000, so that when the start/stop bits are framed around the data the receiver can
immediately detect the proper deserialization boundary. This is typically used during initialization of the
serial link.
PREEMPH
56
Input
Preemphasis. When asserted, the serial transmit outputs have an extra output swing on the first bit of any
run-length of same value bits. If the run-length of output bits is one, then that bit has a larger output swing.
TEST PIN
ENABLE
24
Input
(w/pullup)
Device enable. When this pin is held low, the device is placed in power down mode. When asserted high
while the device is in power-down mode, the transceiver goes into power-on reset before beginning
normal operation.
LOOPEN
21
Input
(w/pulldown)
Loop enable. When LOOPEN is active high, the internal loop-back path is activated. The transmitted serial
data is directly routed internally to the inputs of the receiver. This provides a self-test capability in
conjunction with the protocol device. The DOUTTXP and DOUTTXN outputs are held in a
high-impedance state during the loop-back test. LOOPEN is held low during standard operational state
with external serial outputs and inputs active.
LOCKB
26
Output
Receiver lock. When asserted low, it indicates that the receiver has acquired bit synchronization on the
data stream and has located the start/stop bits, so that the deserialized data presented on the parallel
receive bus is properly received. This pin is high impedance when enable = 0.
TESTEN
27
Input
(w/pulldown)
Test mode enable. This pin should be left unconnected or tied low.
POWER PIN
VDD
1, 9,
23,
38,
48
Supply
Digital logic power. Provides power for all digital circuitry and digital I/O buffers.
VDDA
55,
57
Supply
Analog power. VDDA provides a supply reference for the high-speed analog circuits, receiver and
transmitter.


Similar Part No. - TLK1521IPAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1521 TI-TLK1521 Datasheet
321Kb / 19P
[Old version datasheet]   500 Mbps to 1.3 Gbps TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com