Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42422 Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # PE42422
Description  UltraCMOS SPDT RF Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42422 Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button PE42422 Datasheet HTML 5Page - Peregrine Semiconductor PE42422 Datasheet HTML 6Page - Peregrine Semiconductor PE42422 Datasheet HTML 7Page - Peregrine Semiconductor PE42422 Datasheet HTML 8Page - Peregrine Semiconductor PE42422 Datasheet HTML 9Page - Peregrine Semiconductor PE42422 Datasheet HTML 10Page - Peregrine Semiconductor PE42422 Datasheet HTML 11Page - Peregrine Semiconductor PE42422 Datasheet HTML 12Page - Peregrine Semiconductor PE42422 Datasheet HTML 13Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product Specification
PE42422
Document No. DOC-33314-1 |
UltraCMOS® RFIC Solutions
Page 10 of 13
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Figure 28. Evaluation Board Schematic
50 OHM
50 OHM
50 OHM
V1
V2
V3
V4
V5
V5
V4
V3
V2
V1
V1
V2
MUX2
MUX1
VDD
50 OHM
1
1
3
3
5
5
7
7
2 2
4 4
6 6
8 8
10 10
9
9
J8
HEADER10
J2
SMA
J1
SMA
J3
SMA
7 GND
9 DGND
2
RF2
3
GND
1
GND
8 RF1
U1
PE42422_QFN_12L_2X2
C3
DNI
C2
DNI
C1
DNI
C5
DNI
C4
DNI
J4
SMA
J5
SMA
RF1
RF2
DOC-33327


Similar Part No. - PE42422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42422 PEREGRINE-PE42422 Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
PE42422 PEREGRINE-PE42422 Datasheet
361Kb / 13P
   UltraCMOS
PE42422MLAA-Z PEREGRINE-PE42422MLAA-Z Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
More results

Similar Description - PE42422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com