Electronic Components Datasheet Search |
|
THS4501IDR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
THS4501IDR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 48 page THS4500 THS4501 www.ti.com SLOS350F – APRIL 2002 – REVISED OCTOBER 2011 Table of Graphs (5 V) FIGURE Small-signal unity-gain frequency response 51 Small-signal frequency response 52 0.1-dB gain flatness frequency response 53 Large-signal frequency response 54 Harmonic distortion (single-ended input to differential output) vs Frequency 55, 57, 63, 65 Harmonic distortion (differential input to differential output) vs Frequency 56, 58, 64, 66 Harmonic distortion (single-ended input to differential output) vs Output voltage swing 59, 61, 67, 69 Harmonic distortion (differential input to differential output) vs Output voltage swing 60, 62, 68, 70 Harmonic distortion (single-ended input to differential output) vs Load resistance 71 Harmonic distortion (differential input to differential output) vs Load resistance 72 Third-order intermodulation distortion vs Frequency 73 Third-order intercept point vs Frequency 74 Slew rate vs Differential output voltage step 75 Large-signal transient response 76 Small-signal transient response 77 Voltage and current noise vs Frequency 78 Rejection ratios vs Frequency 79 Rejection ratios vs Case temperature 80 Output balance error vs Frequency 81 Open-loop gain and phase vs Frequency 82 Open-loop gain vs Case temperature 83 Input bias offset current vs Case temperature 84 Quiescent current vs Supply voltage 85 Input offset voltage vs Case temperature 86 Common-mode rejection ratio vs Input common-mode range 87 Output drive vs Case temperature 88 Harmonic distortion (single-ended and differential input) vs Output common-mode voltage 89 Small-signal frequency response at VOCM 90 Output offset voltage vs Output common-mode voltage 91 Quiescent current vs Power-down voltage 92 Turn-on and turn-off delay times 93 Single-ended output impedance in power-down vs Frequency 94 vs Case temperature 95 Power-down quiescent current vs Supply voltage 96 Copyright © 2002–2011, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): THS4500 THS4501 |
Similar Part No. - THS4501IDR |
|
Similar Description - THS4501IDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |