Selected language     English  ▼


Q-175K Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part No. Q-175K
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUALTEK [Qualtek Electronics Corporation]
Homepage  http://www.qualtekusa.com
Logo 

   
 1 page
background image
www.Qualtekusa.com
Q-175K
175°C , CLEAR, SEMI-RIGID, HIGH TEMPERATURE,
CHEMICAL RESISTANT PVDF TUBING
SHRINK RATIO 2:1
Features/Applications
applications requiring high temperature performance, outstanding abrasion and
cut-through resistance or superior chemical and solvent resistant properties. It
reliably protects wires, solder joints, terminals, connectors and components from
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
Operating temperature: -55°C to +175°C
Full recovery temperature: 175°C
Approval: UL VW-1, File No. E245010
Meets: SAE-AMS-DTL-23053/18
Standard color: Clear
RoHS Compliant
HEAT SHRINK THIN WALL TUBING
13
Technical Data
Property
Test Method
Typical Data
Operating Temperature
IEC 216
-55°C to +175°C
Tensile Strength
ASTM D 2671
> 34.5 MPa
Ultimate Elongation
ASTM D 2671
> 150%
Ultimate Elongation After Aging
250°C, 168 hrs.
> 100%
Heat Shock
300°C,1 hr.
No cracking
Cold Bend
-55°C, 1 hr.
No cracking
Dielectric Strength
ASTM D 2671
> 30 kV / mm
Volume Resistance
IEC 93
> 10
.cm
Flammability
VW-1
Pass
Product Dimensions
Size
As Supplied
(mm)
After Recovered
(mm)
Standard
Packaging
Inch
mm
Inside
Diameter
(min.)
Inside
Diameter
(max.)
Wall Thickness
(min.)
Standard
Spool
*(SS)
(Meter)
Cut to Length Pcs.
*(QB)
Qty per bag
6”
48”
3/64
1.2
1.2
0.6
0.20
200
32
25
1/16
1.6
1.6
0.8
0.20
200
28
25
3/32
2.4
2.4
1.2
0.23
200
24
25
1/8
3.2
3.2
1.6
0.23
200
20
25
3/16
4.8
4.8
2.4
0.23
100
16
25
1/4
6.4
6.4
3.2
0.28
100
12
25
3/8
9.5
9.5
4.8
0.28
-
8
25
1/2
12.7
12.7
6.4
0.28
-
4
5
3/4
19.1
19.1
9.5
0.36
-
2
5
1
25.4
25.4
12.7
0.41
-
1
5
1 1/2
38.1
38.1
19.0
0.51
-
1
5




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl